Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1514-3.3 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1514-3.3
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1514-3.3 Datasheet(HTML) 6 Page - Linear Technology

  LTC1514-3.3 Datasheet HTML 1Page - Linear Technology LTC1514-3.3 Datasheet HTML 2Page - Linear Technology LTC1514-3.3 Datasheet HTML 3Page - Linear Technology LTC1514-3.3 Datasheet HTML 4Page - Linear Technology LTC1514-3.3 Datasheet HTML 5Page - Linear Technology LTC1514-3.3 Datasheet HTML 6Page - Linear Technology LTC1514-3.3 Datasheet HTML 7Page - Linear Technology LTC1514-3.3 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1514-3.3/LTC1514-5
APPLICATIONS INFORMATION
output pin cause high frequency voltage spikes on VOUT
with every clock cycle.
There are several ways to reduce the output voltage
ripple. A larger COUT capacitor (22µF or greater) will
reduce both the low and high frequency ripple due to the
lower COUT charging and discharging dV/dt and the lower
ESR typically found with higher value (larger case size)
capacitors. A low ESR ceramic output capacitor will
minimize the high frequency ripple, but will not reduce
the low frequency ripple unless a high capacitance value
is chosen. A reasonable compromise is to use a 10
µF to
22
µF tantalum capacitor in parallel with a 1µF to 3.3µF
ceramic capacitor on VOUT to reduce both the low and
high frequency ripple. An RC or LC filter may also be used
to reduce high frequency voltage spikes (see Figure 1).
Internal soft start circuitry controls the rate at which VOUT
may be charged from 0V to its final regulated value. The
typical start-up time from VOUT = 0V to 5V is 4ms. This
corresponds to an effective VOUT charging current of only
12.5mA for a 10
µF output capacitor (27.5mA for 22µF,
etc). Note that any output current load present during
start-up will add directly to the charging currents men-
tioned above. The soft start circuitry limits start-up
current both at initial power-up and when coming out of
shutdown.
As the VIN (or boosted VIN) to VOUT voltage differential
grows, the effective output impedance of the charge
pump is automatically increased by internal voltage
sensing circuitry. This feature minimizes the current
spikes pulled from VIN whenever the charge pump is
enabled and helps to reduce both input and output ripple.
Protection Features
The LTC1514-X contain thermal shutdown and short-
circuit protection features. The parts will shut down when
the junction temperature reaches approximately 150
°C
and will resume operation once the junction temperature
has dropped back to approximately 140
°C. The parts will
limit output current to 12mA (typ) when a short-circuit
condition (VOUT < 100mV) exists. The parts can survive
an indefinite short to GND. The LTC1514-X devices use
a low thermal resistance SO-8 package (110
°C/W vs
150
°C/W for standard SO-8). This permits full output
current, even at high input supply voltages.
Low-Battery Comparator
The internal low-battery comparator trips at 1.145
±3%
(LBI ramping negative). Programming the comparator to
trip at a higher voltage can easily be done with an external
LTC1514-X
VOUT
VOUT
8
15
µF
TANTALUM
2
1
µF
CERAMIC
LTC1514-X
VOUT
1514 F01
VOUT
8
10
µF
TANTALUM
+
+
10
µF
TANTALUM
+
Figure 1. Output Ripple Reduction Techniques
Inrush Currents
A common problem with switched capacitor regulators
is inrush current — particularly during power-up and
coming out of shutdown mode. Whenever large VIN (or
boosted VIN) to VOUT voltage differentials are present,
most charge pumps will pull large current spikes from
the input supply. Only the effective charge pump output
impedance limits the current while the charge pump is
enabled. This may disrupt input supply regulation, espe-
cially if the input supply is a low power DC/DC converter
or linear regulator. The LTC1514-3.3/LTC1514-5 mini-
mize inrush currents both at start-up and under normal
high VIN to VOUT operation.
Figure 2. Programming the Low-Battery Comparator Trip Voltage
1
2
3
4
8
7
6
5
SHDN
LBO
LBI
GND
VOUT
VIN
C1+
C1
LTC1514-X
R2
R1
VTRIP = 1.145V(1 + R1/R2)
(LBI RAMPING NEGATIVE)
1514 F02
VBAT


Similar Part No. - LTC1514-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
More results

Similar Description - LTC1514-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1515 LINER-LTC1515_15 Datasheet
219Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1515 LINER-LTC1515 Datasheet
233Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com