Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEO40K48N-6 Datasheet(PDF) 2 Page - Emerson Network Power

Part # AEO40K48N-6
Description  High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEO40K48N-6 Datasheet(HTML) 2 Page - Emerson Network Power

  AEO40K48N-6 Datasheet HTML 1Page - Emerson Network Power AEO40K48N-6 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Ordering Information
Input Voltage
Output Voltage
Output Current
Efficiency2
Model Number
36V to 75V
12.0V
10A
93.0%
A (X)O10B48 (N) - (6)(S)(L)
36V to 75V
5.0V
20A
92.0%
A (X)O20A48 (N) - (6)(S)(L)
36V to 75V
3.3V
30A
91.0%
A (X)O30F48 (N) - (6)(S)(L)
36V to 75V
2.5V
35A
89.5%
A (X)O35G48 (N) - (6)(S)(L)
36V to 75V
1.8V
40A
88.0%
A (X)O40Y48 (N) - (6)(S)(L)
36V to 75V
1.5V
40A
86.0%
A (X)O40M48(N) - (6)(S)(L)
36V to 75V
1.2V
40A
85.0%
A (X)O40K48 (N) - (6)(S)(L)
OPTIONS:
(X) : “L” = Open Frame / Low Profile
“E” = Baseplate Construction
(N) : "N" = designates Negative Logic Enable (default is Positive Enable with no suffix “N” required)
(6)
: “-6” = 3.7mm nominal pin length (default is 5mm nominal pin length with no suffix “-6” required)
(S) : “-S”= Surface Mount Termination (default is Through Hole Termination with no suffix “-S” required)7
(L)
: “L” = RoHS compliant (RoHS 6) / “Blank” - RoHS compliant with Lead (PB) in solder exemption (RoHS 5)
Single Output
1. +Vin
2. Enable (On/Off)
3. -Vin
4. -VOUT
5. -Sense
6. Trim
7. +Sense
8. +VOUT
Notes:
1. Measured at 20 MHz bandwidth with external 10
µF
tant. capacitor in parallel with 0.1
µF ceramic
capacitor connected across +Vout and -Vout; 220
µF
e-cap or equivalent connected across +Vin and -Vin.
2. Efficiency measurements are typical values taken at
full load, nominal line and TA = 25°C.
3. All specifications are typical at nominal line, full load
and TA = 25°C unless otherwise noted.
4. All specifications subject to change without notice.
5. Mechanical drawings are for reference only.
Dimensions are in inches [mm]. Pin placement
tolerance ± 0.005 [0.127]. Mechanical Tolerance ±
0.02 [0.5], recommended surface mount pads (min:
0.080 x 0.112 [2.03 x 2.84] / max: 0092 x 0.124
[2.34 x 3.15]); through hole pin diameter (Pins 4 & 8)
∅ = 0.062 [1.57], others ∅ = 0.04 [1.0] (6X).
6. Technical Reference Notes should be consulted for
detailed information when available.
7. AEOxxxxxx-Sx series (surface mount termination
with baseplate) are not reflow compatible.
8. Warranty 2 yrs.
Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use and application. (REV 02: MARCH 7, 2007)
Pin Assignment
0.75
[19.1]
2.19
[55.5]
0.15
[3.8]
0.30
[7.6]
0.45
[11.4] 0.60
[15.2] 0.75
[19.1]
0.15
[3.8]
0.45
[11.4]
ALO - OPENFRAME
0.31
[7.9]
0.15
[3.9]
0.32
[8.2]
0.15
[3.8]
0.30
[7.6]
0.45
[11.4]
0.60
[15.2]
0.75
[19.0]
0.15
[3.8]
0.45
[11.4]
0.75
[19.0]
2.00
[50.8]
0.39
[9.8]
0.15
[3.9]
0.40
[10.1]
0.23
[5.8]
PIN SIDE DOWN
AEO -BASEPLATE
SMT - Termination
TH - Termination
TH - Termination
SMT - Termination
PIN LENGTH
A
Std Pin Length: 0.189 [4.8] MIN
0.205 [5.2] MAX
“-6” Option:
0.137 [3.5] MIN
0.152 [3.9] MAX
See A
See A
PIN 1
PIN 8


Similar Part No. - AEO40K48N-6

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEO40K48N-6 EMERSON-NETWORKPOWER-AEO40K48N-6 Datasheet
1Mb / 4P
   66/120 Watts
AEO40K48N-6L EMERSON-NETWORKPOWER-AEO40K48N-6L Datasheet
1Mb / 4P
   66/120 Watts
More results

Similar Description - AEO40K48N-6

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
   High efficiency
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
   High efficiency
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
   High efficiency.
logo
Sanken electric
BL0200C SANKEN-BL0200C Datasheet
632Kb / 26P
   High Efficiency
logo
Taoglas antenna solutio...
SDWA.01 TAOGLAS-SDWA.01 Datasheet
1Mb / 20P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC2504TW GENESIC-KBPC2504TW Datasheet
334Kb / 3P
   High efficiency
KBPC3504TW GENESIC-KBPC3504TW Datasheet
333Kb / 3P
   High efficiency
logo
Texas Instruments
PT7720 TI1-PT7720_13 Datasheet
161Kb / 8P
[Old version datasheet]   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC1510TW GENESIC-KBPC1510TW Datasheet
314Kb / 3P
   High efficiency
KBPC2510TW GENESIC-KBPC2510TW Datasheet
315Kb / 3P
   High efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com