Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1555LEGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1555LEGN
Description  SIM Power Supply and Level Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1555LEGN Datasheet(HTML) 7 Page - Linear Technology

  LTC1555LEGN Datasheet HTML 1Page - Linear Technology LTC1555LEGN Datasheet HTML 2Page - Linear Technology LTC1555LEGN Datasheet HTML 3Page - Linear Technology LTC1555LEGN Datasheet HTML 4Page - Linear Technology LTC1555LEGN Datasheet HTML 5Page - Linear Technology LTC1555LEGN Datasheet HTML 6Page - Linear Technology LTC1555LEGN Datasheet HTML 7Page - Linear Technology LTC1555LEGN Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTC1555L
7
APPLICATIO S I FOR ATIO
open drain (all SIM I/O pins are open drain). Internal
pull-up resistors are provided for both the DATA pin and
the I/O pin on the SIM side. The second method is to use
the DDRV pin to send data to the SIM and use the DATA pin
to receive data from the SIM. When the DDRV pin is not
used, it should either be left floating or tied to DVCC.
Shutting Down the DVCC Supply
To conserve power, the DVCC supply may be shut down
while the VIN supply is still active. When the DVCC supply
is forced below 1.2V, an undervoltage lockout circuit
forces the LTC1555L into shutdown mode regardless of
the status of the M0-M1 pins.
10kV ESD Protection
All pins that connect to the SIM (CLK, RST, I/O, VCC, GND)
withstand over 10kV of human body model ESD. In order
to ensure proper ESD protection, careful board layout is
required. The GND pin should be tied directly to a GND
plane. The VCC capacitor should be located very close to
the VCC pin and tied immediately to the GND plane.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 1a. Level Translator Connections for
Bidirectional Controller DATA Pin
Figure 1b. Level Translator Connections for
One-Directional Controller Side DATA Flow
CIN
RIN
DATA
DDRV
DVCC
CLK
RST
I/O
VCC
CLK TO SIM
RST TO SIM
DATA TO/FROM SIM
LTC1555L
CONTROLLER
SIDE
SIM SIDE
1555L F01a
CIN
RIN
DATA
DDRV
DVCC
CLK
RST
I/O
VCC
CLK TO SIM
RST TO SIM
DATA FROM SIM
DATA TO SIM
LTC1555L
CONTROLLER
SIDE
SIM SIDE
1555L F01b


Similar Part No. - LTC1555LEGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1555LEGN-1.8 LINER-LTC1555LEGN-1.8 Datasheet
150Kb / 8P
   SIM Power Supply and Level Translator
More results

Similar Description - LTC1555LEGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8 Datasheet
150Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8_15 Datasheet
143Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com