Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1555L Datasheet(PDF) 3 Page - Linear Technology

Part # 1555L
Description  SIM Power Supply and Level Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1555L Datasheet(HTML) 3 Page - Linear Technology

  1555L Datasheet HTML 1Page - Linear Technology 1555L Datasheet HTML 2Page - Linear Technology 1555L Datasheet HTML 3Page - Linear Technology 1555L Datasheet HTML 4Page - Linear Technology 1555L Datasheet HTML 5Page - Linear Technology 1555L Datasheet HTML 6Page - Linear Technology 1555L Datasheet HTML 7Page - Linear Technology 1555L Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC1555L
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Controller Inputs/Outputs (DVCC = 3V)
Input Current (IIH /IIL)
M0, M1, M2, RIN, CIN
q
–100
100
nA
Input Current (IIH /IIL)
DDRV
q
–5
5
µA
High Level Input Current (IIH)
DATA
q
–20
20
µA
Low Level Input Current (IIL)
DATA
q
1mA
High Input Voltage Threshold (VIH)
M0, M1, M2, RIN, CIN, DDRV
q
0.7
× DVCC
V
DATA
q
DVCC – 0.6
V
Low Input Voltage Threshold (VIL)
M0, M1, M2, RIN, CIN, DDRV
q
0.2
× DVCC
V
DATA
q
0.4
V
High Level Output Voltage (VOH)
DATA Source Current = 20
µA I/O = VCC
q
0.7
× DVCC
V
Low Level Output Voltage (VOL)
DATA Sink Current = –200
µA I/O = 0V (Note 3)
q
0.4
V
DATA Pull-Up Resistance
Between DATA and DVCC
q
13
20
30
k
DATA Output Rise/Fall Time
DATA Loaded with 30pF
q
1.3
2
µs
SIM Inputs/Outputs (VCC = 3V or 5V)
I/O High Input Voltage Threshold (VIH)IIH(MAX) = ±20µA
q
0.7
× VCC
V
I/O Low Input Voltage Threshold (VIL)IIL(MAX) = 1mA
q
0.4
V
High Level Output Voltage (VOH)
I/O, Source Current = 20
µA DATA or DDRV = DVCC
q
0.8
× VCC
V
Low Level Output Voltage (VOL)
I/O, Sink Current = –1mA DATA or DDRV = 0V (Note 3)
q
0.4
V
High Level Output Voltage (VOH)
RST, CLK Source Current = 20
µA
q
0.9
× VCC
V
Low Level Output Voltage (VOL)
RST, CLK Sink Current = –200
µA
q
0.4
V
I/O Pull-Up Resistance
Between I/O and VCC
q
6.5
10
14
k
SIM Timing Parameters (DVCC = 3V, VCC = 5V)
CLK Rise/Fall Time
CLK Loaded with 30pF, VCC = 3V, or 5V
q
18
ns
RST, I/O Rise/Fall Time
RST, I/O Loaded with 30pF
q
1
µs
CLK Frequency
CLK Loaded with 30pF
q
5
MHz
VCC Turn-On Time
COUT = 2.2µF, IVCC = 0
0.5
ms
VCC Discharge Time to 1V
IVCC = 0, VCC = 5V, COUT = 2.2µF
0.5
ms
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1555LEGN is guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: The DATA and I/O pull-down drivers must also sink current
sourced by the internal pull-up resistor.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (VIN = 2.6V to 6V, DVCC = 1.425V to 4.4V, controller digital pins tied to
DVCC, SIM digital pins floating, C1 = 0.1µF, COUT = 2.2µF unless otherwise noted)
ELECTRICAL CHARACTERISTICS


Similar Part No. - 1555L

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1555 ALPHAWIRE-1555 Datasheet
69Kb / 2P
   Customer Specification
logo
List of Unclassifed Man...
1555 ETC2-1555 Datasheet
1Mb / 16P
   Drywall Punch
logo
Alpha Wire
1555 ALPHAWIRE-1555 Datasheet
98Kb / 4P
   Customer Specification
2/16/2023
logo
Heyco.
1555 HEYCO-1555 Datasheet
168Kb / 1P
   Screw to Tab Terminal Blocks
logo
List of Unclassifed Man...
1555.07.06 ETC1-1555.07.06 Datasheet
82Kb / 4P
   ?쁔ight Seal??IP68 Nylon Cable Grips
More results

Similar Description - 1555L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8 Datasheet
150Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8_15 Datasheet
143Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com