Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1558CGN-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1558CGN-5
Description  Backup Battery Controller with Programmable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1558CGN-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1558CGN-5 Datasheet HTML 7Page - Linear Technology LTC1558CGN-5 Datasheet HTML 8Page - Linear Technology LTC1558CGN-5 Datasheet HTML 9Page - Linear Technology LTC1558CGN-5 Datasheet HTML 10Page - Linear Technology LTC1558CGN-5 Datasheet HTML 11Page - Linear Technology LTC1558CGN-5 Datasheet HTML 12Page - Linear Technology LTC1558CGN-5 Datasheet HTML 13Page - Linear Technology LTC1558CGN-5 Datasheet HTML 14Page - Linear Technology LTC1558CGN-5 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1558-3.3/LTC1558-5
internal logic to ensure that the low cell voltage reset is
triggered only if the CTL pin is between 0.9V and 0.25V.
This will prevent a pushbutton reset (which pulls CTL
below 250mV) from being mistaken as a low cell voltage
condition. Unusual situations where the NiCd cell voltage
drops drastically below 0.25V will also trigger UVLO, since
the LTC1558 will treat this as a “hard” reset after 2
seconds.
An optional LOBAT output, available in the 16-pin GN or SO
package, can be used to signal the system when the cell
voltage falls below 1V, giving an early warning that the
backup cell is heavily discharged. The LOBAT output is
disabled when the LTC1558 is in trickle charge mode
because the CTL pin is pulled to 0.5V by the LTC1558.
Fault Protection and Thermal Limit
The LTC1558’s boost converter incorporates two internal
timers that turn off the switch transistors if the inductor
charge or discharge time gets abnormally long.
The inductor charge time may get abnormally long if the
NiCd cell voltage drops below 0.25V without triggering the
0.25V < VBAT < 0.9V low cell voltage comparator. In this
case, the NiCd cell is assumed to be damaged and the
LTC1558’s priority is shutting down the system grace-
fully. In this case, the timer will shut off the N-channel
switch transistor after a maximum charging time (14
µs).
The boost converter continues switching but delivers
reduced output power, causing VCC to drop. The LTC1558
will enter UVLO either when VCC drops below
(VCC(RATED VOLTAGE) – 9%) or after the LTC1558 detects
CTL lower than 0.25V for 2 seconds, in which case “hard”
reset occurs.
The discharging time can also get abnormally long if a
serious overload condition occurs during switching. The
timer will shut off the P-channel pass transistor after 10
µs,
protecting the boost converter. The LTC1558 will end up
in UVLO as VCC drops below (VCC(RATED VOLTAGE) – 9%).
In addition, the LTC1558 is protected for safe area opera-
tion with an internal thermal shutdown circuit. If the device
is overloaded for a long period of time, the thermal
shutdown circuit forces the LTC1558 into UVLO. The
threshold temperature for thermal shutdown is typically
155
°C.
APPLICATIONS INFORMATION
The LTC1558’s boost converter is designed so that no
current drains from the battery to the load during output
short circuit or VCC = 0V conditions. This assures that the
system can be powered down for a long period of time.
This eliminates the risk of finding a nonfunctioning backup
system upon power-up.
Backup Cell Fast Recharge
The LTC1558 includes an onboard gas gauge circuit,
consisting of a 23-bit divider and a 9-bit up/down counter.
The gas gauge logic assumes that the boost converter
uses a 22
µH inductor, allowing it to estimate battery
charge by counting switch pulses. The gas gauge counts
up from zero as charge is removed from the backup cell in
backup mode. It takes roughly 8.4 million 165mA boost
pulses (low current mode) to increment the up/down
counter by one count. In high current mode, the 330mA
pulses skip the first two bits of the divider because each
330mA pulse carries four times as much energy as a
165mA pulse. At maximum load and VCC = 5V, the gas
gauge divider will increment by one count every 7.5
µs
while the boost converter is running. Full count is reached
after approximately 2.2 hours, equivalent to about 512mAhr
of charge.
Upon entering recharge mode (after the main battery is
restored) the LTC1558 connects a 16mA fast recharge
current source from VCC to the SW pin. At the same time,
an internal free running oscillator counts down the gas
gauge counter at a rate designed to replace about 160% of
the charge previously removed from the backup cell.
When the gas gauge counter reaches zero, the LTC1558
reduces the charging current at the SW pin to the user-
programmed trickle charge current level.
Under some circumstances, the LTC1558 can exit the
backup mode with invalid gas gauge contents. This can
occur under three possible conditions:
a) The backup cell was completely exhausted during a
backup cycle and the LTC1558 entered UVLO.
b) The backup cell was replaced while the main supply was
disabled.
c) A backup cycle was terminated prematurely by a “hard”
reset or an output overload.


Similar Part No. - LTC1558CGN-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1558 LINER-LTC1558 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC1558-3.3 LINER-LTC1558-3.3_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-5 LINER-LTC1558-5_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
More results

Similar Description - LTC1558CGN-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1558-3.3 LINER-LTC1558-3.3_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-5 LINER-LTC1558-5_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1559-3.3 LINER-LTC1559-3.3_15 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
LTC1559-5 LINER-LTC1559-5_15 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
LTC1559-3.3 LINER-LTC1559-3.3 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
logo
Maxim Integrated Produc...
MAX16023 MAXIM-MAX16023 Datasheet
269Kb / 17P
   Battery-Backup Circuits with Regulated Output Voltage
Rev 0; 8/08
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
   Backup Battery Charger and Boost Controller
2020
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Rohm
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
   Reset IC with battery backup function
logo
ON Semiconductor
NCS32100 ONSEMI-NCS32100 Datasheet
915Kb / 29P
   Inductive Position Sensor with Battery Backup
November, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com