Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1565-31CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1565-31CS8
Description  650kHz Continuous Time, Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1565-31CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1565-31CS8 Datasheet HTML 4Page - Linear Technology LTC1565-31CS8 Datasheet HTML 5Page - Linear Technology LTC1565-31CS8 Datasheet HTML 6Page - Linear Technology LTC1565-31CS8 Datasheet HTML 7Page - Linear Technology LTC1565-31CS8 Datasheet HTML 8Page - Linear Technology LTC1565-31CS8 Datasheet HTML 9Page - Linear Technology LTC1565-31CS8 Datasheet HTML 10Page - Linear Technology LTC1565-31CS8 Datasheet HTML 11Page - Linear Technology LTC1565-31CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1565-31
APPLICATIONS INFORMATION
Output Drive
Pin 7 and Pin 8 can drive a 1k
Ω or 300pF load connected
to AC ground with a
±0.5V signal (corresponding to a
2VP-P differential signal). For differential loads (loads
connected from Pin 7 to Pin 8) the outputs can produce
a 2VP-P differential signal across 2kΩ or 150pF. For
smaller signal amplitudes the outputs can drive corre-
spondingly larger loads.
Noise
The wideband noise of the filter is the RMS value of the
device’s output noise spectral density. The wideband
noise data is used to determine the operating signal-to-
noise at a given distortion level. Most of the noise is
concentrated in the filter passband and cannot be removed
with post filtering (Table 1). Table 2 lists the typical change
in wideband noise with supply voltage.
Table 1. Wideband Noise vs Bandwidth, Single 5V Supply
BANDWIDTH
TOTAL INTEGRATED NOISE
DC to fCUTOFF
104
µVRMS
DC to 2 • fCUTOFF
118
µVRMS
Table 2. Wideband Noise vs Supply Voltage, fCUTOFF = 650kHz
TOTAL INTEGRATED NOISE
POWER SUPPLY
DC TO 2 • fCUTOFF
5V
118
µVRMS
±5V
120
µVRMS
TYPICAL APPLICATIO S
+
A1
LT
®1809
4
6
0.1
µF
10
µF
2.49k
7
5V
2
3
4.99k
4.99k
A3
LT1809
4
6
0.1
µF
2.49k
7
5V
2
3
4.99k
4.99k
A2
LT1809
4
6
0.1
µF
+VIN/2 + VCM
–VIN/2 + VCM
0.1
µF
0.1
µF
5V
+IN
–IN
GND
V
+OUT
–OUT
LTC1565-31
V+
SHDN
1
2
3
4
8
7
6
5
10
µF
4.99k
2.49k
VCM
VIN
7
5V
2
3
4.99k
2.49k
A4
LT1809
4
6
0.1
µF
VOUT
(SINGLE ENDED)
2.49k
2.49k
7
5V
2
3
4.99k
4.99k
A5
LT1812
4
6
0.1
µF
0.1
µF
V+/2
2.2
µF
19k
0.01
µF
7
2
3
1k
5V
20
1k
AMPLIFIERS A1, A2 AND A3 ALLOW THE USE OF A GROUND-
REFERENCED SINGLE-ENDED AC SOURCE AS THE INPUT
SIGNAL AND A SEPARATE GROUND-REFERENCED DC SOURCE
TO PROVIDE THE INPUT DC COMMON MODE VOLTAGE
AMPLIFIERS A4 AND A5 ALLOW MONITORING/MEASURING
THE DIFFERENTIAL OUTPUT WITH A SINGLE-ENDED, GROUND-
REFERENCED INSTRUMENT
1565-31 TA08
Test Circuit for Single 5V Supply Operation


Similar Part No. - LTC1565-31CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1565-31CS8 LINER-LTC1565-31CS8 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
More results

Similar Description - LTC1565-31CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1565-31 LINER-LTC1565-31_15 Datasheet
188Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
logo
KR Electronics, Inc.
2160-8-50 KR-2160-8-50 Datasheet
25Kb / 1P
   Linear Phase Lowpass Filter
logo
Linear Technology
LTC1566-1 LINER-LTC1566-1_15 Datasheet
140Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
logo
KR Electronics, Inc.
2158-8-50 KR-2158-8-50 Datasheet
26Kb / 1P
   Linear Phase Lowpass Filter
logo
Linear Technology
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com