Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ12M48-L Datasheet(PDF) 2 Page - Emerson Network Power

Part # ALQ12M48-L
Description  Delivers up to 12 A output current (6.3 A for the 8 Vo)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALQ12M48-L Datasheet(HTML) 2 Page - Emerson Network Power

  ALQ12M48-L Datasheet HTML 1Page - Emerson Network Power ALQ12M48-L Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2006 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Mechanical Drawing
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in U S A
Ordering Information
Vin (V)
Vout (V)
Iout (A)
Effy
Model Number
36-75
8
6.3
90%
AEQ06L48(N)-L
36-75
3.3
12
88%
ALQ12F48(N)-L
36-75
1.8
12
84%
AEQ12Y48(N)-L
36-75
1.8
12
84%
ALQ12Y48(N)-L
36-75
1.5
12
82%
AEQ12M48(N)-L
36-75
1.5
12
82%
ALQ12M48(N)-L
Rev. 01.10.07
ALQ12/AEQ12 Series
2 of 2
mars
Pin 1
+Vin
Pin 4
+Vo
Pin 2
CNT
Pin 5
+Sense
Pin 3
-Vin
Pin 6
Trim
Pin 7
-Sense
Pin 8
-Vo
Open-Framed
Baseplate
Note: Option “N” is for the negative enabled option, omit if converter is positve
enabled.


Similar Part No. - ALQ12M48-L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALQ124 PANASONIC-ALQ124 Datasheet
92Kb / 6P
   1 Form A/1 Form C 10A Small power relays
More results

Similar Description - ALQ12M48-L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
SynQor Worldwide Headqu...
PQ50120HZB55 SYNQOR-PQ50120HZB55 Datasheet
1Mb / 14P
   Delivers up to 55A of output current (660W)
logo
Bel Fuse Inc.
YS05S16 BEL-YS05S16 Datasheet
722Kb / 21P
   Delivers up to 16 A (58 W)
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
   Delivers up to 10 A (36 W)
YNV12T16 BEL-YNV12T16 Datasheet
881Kb / 21P
   Delivers up to 16 A (88 W)
YS12S10 BEL-YS12S10 Datasheet
753Kb / 21P
   Delivers up to 10 A (55 W)
YNS05S10 BEL-YNS05S10 Datasheet
691Kb / 20P
   Delivers up to 10 A (36 W)
YNV12T10 BEL-YNV12T10 Datasheet
755Kb / 20P
   Delivers up to 10 A (50 W)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com