Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ15FG48N-6 Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALQ15FG48N-6
Description  High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALQ15FG48N-6 Datasheet(HTML) 1 Page - Emerson Network Power

  ALQ15FG48N-6 Datasheet HTML 1Page - Emerson Network Power ALQ15FG48N-6 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
Special Features
Electrical Specs
60 Watts
ALQ15-Dual
High Efficiency
• Industry standard Dual O/p 1/4 Brick Footprint
• Open Frame Construction
• Low Ripple and Noise1 < 30mVPK-PK
• Regulation to zero load
• High Capacitive Load start-up
• Fixed Frequency Switching for EMI predictability
• Industry Standard features: OVP, OCP, OTP,
Input UVLO, Enable, Trim
• Input Under Voltage Lockout with hysteresis
• Output Voltage Adjustability
• Meets Basic Insulation
Environmental
Operating Ambient Temperature -40°C to +85°C
Storage temperature: -55°C to +125°C
MTBF: > 1 Million Hrs
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency2
5.0V/3.3V @ 89.5% (typ at 60W)
3.3V/2.5V @ 87.7%
3.3V/1.8V @ 86.5%
2.5V/1.5V @ 84.0%
Output
Line / Load Regulation
< 1% Vo
Load Current
15A max per channel (60W max)
12A max for 5V rail
Noise/Ripple1
30mVPK-PK
Transient Response
2% Vo deviation (typ)
(50% to 75% Step Load)
< 300
µs settling time (typ)
Over Voltage Protection
130% Vo Typ (latching)
Over Current Protection
130% IO,max Typ (autorecovery)
Over Temperature
115ºC average PCB temperature
Protection
(autorecovery)
Switching Frequency
350kHz (typ)
Isolation Voltage
1500Vdc
Control
Voltage Adjust
±10% VO,NOM
Enable
TTL compatible
(Positive or Negative options)
Safety
UL, cUL 60950 Recognized
TUV EN60950 Licensed
CB Test Ceritifcate
Total Power:
60 Watts
Input Voltages:
48V
No. of Outputs:
Dual


Similar Part No. - ALQ15FG48N-6

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15FG48N-6 ASTEC-ALQ15FG48N-6 Datasheet
408Kb / 2P
   60 Watts
ALQ15FG48N-6 ASTEC-ALQ15FG48N-6 Datasheet
408Kb / 2P
   60 Watts Dual Output Converter
ALQ15FG48N-6D ASTEC-ALQ15FG48N-6D Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
More results

Similar Description - ALQ15FG48N-6

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
   High efficiency
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
   High efficiency
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
   High efficiency.
logo
Sanken electric
BL0200C SANKEN-BL0200C Datasheet
632Kb / 26P
   High Efficiency
logo
Taoglas antenna solutio...
SDWA.01 TAOGLAS-SDWA.01 Datasheet
1Mb / 20P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC2504TW GENESIC-KBPC2504TW Datasheet
334Kb / 3P
   High efficiency
KBPC3504TW GENESIC-KBPC3504TW Datasheet
333Kb / 3P
   High efficiency
logo
Texas Instruments
PT7720 TI1-PT7720_13 Datasheet
161Kb / 8P
[Old version datasheet]   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC1510TW GENESIC-KBPC1510TW Datasheet
314Kb / 3P
   High efficiency
KBPC2510TW GENESIC-KBPC2510TW Datasheet
315Kb / 3P
   High efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com