Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15696 Datasheet(PDF) 6 Page - Linear Technology

Part # 15696
Description  Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

15696 Datasheet(HTML) 6 Page - Linear Technology

Back Button 15696 Datasheet HTML 2Page - Linear Technology 15696 Datasheet HTML 3Page - Linear Technology 15696 Datasheet HTML 4Page - Linear Technology 15696 Datasheet HTML 5Page - Linear Technology 15696 Datasheet HTML 6Page - Linear Technology 15696 Datasheet HTML 7Page - Linear Technology 15696 Datasheet HTML 8Page - Linear Technology 15696 Datasheet HTML 9Page - Linear Technology 15696 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1569-6
BLOCK DIAGRA
10TH ORDER
LINEAR PHASE
FILTER NETWORK
POWER
CONTROL
DIVIDER/
BUFFER
REXT
PRECISION
OSCILLATOR
5
6
7
8
4
3
2
1
OUT
V+
RX
DIV/CLK
IN+
IN
GND
V
1569-6 BD
APPLICATIONS INFORMATION
Self-Clocking Operation
The LTC1569-6 features a unique internal oscillator which
sets the filter cutoff frequency using a single external
resistor. The design is optimized for VS = 3V, fCUTOFF =
64kHz, where the filter cutoff frequency error is typically
<1% when a 0.1% external 10k resistor is used. With
different resistor values and internal divider settings, the
cutoff frequency can be accurately varied from 1kHz to
64kHz. As shown in Figure 1, the divider is controlled by
the DIV/CLK (Pin 5). Table 1 summarizes the cutoff
frequency vs external resistor values for the divide-by-1
mode.
LTC1569-6
18
27
36
45
DIVIDE-BY-4
DIVIDE-BY-1
DIVIDE-BY-16
V+
V
REXT
100pF
fCUTOFF =
64kHz (10k/REXT)
1, 4 OR 16
1569-6 F01
IN+
IN
GND
V
OUT
V+
RX
DIV/CLK
Figure 1
Table1. fCUTOFF vs REXT, VS = 3V, TA = 25°C, Divide-by-1 Mode
REXT
Typical fCUTOFF
Typical Variation of fCUTOFF
3844
Ω*
N/A
±3.0%
5010
Ω*
N/A
±2.5%
10k
64kHz
±1%
20.18k
32kHz
±2.0%
40.2k
16kHz
±3.5%
*REXT values less than 10k can be used only in the divide-by-16 mode.
In the divide-by-4 and divide-by-16 modes, the cutoff
frequencies in Table 1 will be lowered by 4 and 16
respectively. When the LTC1569-6 is in the divide-by-4
and divide-by-16 modes the power is automatically re-
duced. This results in up to a 40% power savings.
The power reduction in the divide-by-4 and divide-by-16
modes, however, effects the fundamental oscillator fre-
quency. Hence, the effective divide ratio will be slightly
different from 4:1 or 16:1 depending on VS, TA and REXT.
Typically this error is less than 1% (Figures 4 and 6).
The cutoff frequency is easily estimated from the equation
in Figure 1. Examples 1 and 2 illustrate how to use the
graphs in Figures 2 through 7 to get a more precise
estimate of the cutoff frequency.
Example 1: LTC1569-6, REXT = 20k, VS = 3V, divide-by-16
mode, DIV/CLK (Pin 5) connected to V + (Pin 7), TA = 25°C.


Similar Part No. - 15696

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
156960 FESTO-156960 Datasheet
109Kb / 1P
   Compact air cylinder
logo
Turck, Inc.
1569604 TURCK-1569604 Datasheet
217Kb / 2P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
logo
Festo Corporation.
156961 FESTO-156961 Datasheet
109Kb / 1P
   Compact air cylinder
156962 FESTO-156962 Datasheet
109Kb / 1P
   Compact air cylinder
156963 FESTO-156963 Datasheet
109Kb / 1P
   Compact air cylinder
More results

Similar Description - 15696

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1569-6 LINER-LTC1569-6 Datasheet
217Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1569-6 LINER-LTC1569-6_15 Datasheet
202Kb / 12P
   Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com