Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1594 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1594
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1594_1 Datasheet HTML 3Page - Linear Technology LTC1594_1 Datasheet HTML 4Page - Linear Technology LTC1594_1 Datasheet HTML 5Page - Linear Technology LTC1594_1 Datasheet HTML 6Page - Linear Technology LTC1594_1 Datasheet HTML 7Page - Linear Technology LTC1594_1 Datasheet HTML 8Page - Linear Technology LTC1594_1 Datasheet HTML 9Page - Linear Technology LTC1594_1 Datasheet HTML 10Page - Linear Technology LTC1594_1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1594/LTC1598
15948fb
PIN FUNCTIONS
LTC1594
CH0 (Pin 1): Analog Multiplexer Input.
CH1 (Pin 2): Analog Multiplexer Input.
CH2 (Pin 3): Analog Multiplexer Input.
CH3 (Pin 4): Analog Multiplexer Input.
ADCIN (Pin 5): ADC Input. This input is the positive analog
input to the ADC. Connect this pin to MUXOUT for normal
operation.
VREF (Pin 6): Reference Input. The reference input defines
the span of the ADC.
COM (Pin 7): Negative Analog Input. This input is the
negative analog input to the ADC and must be free of noise
with respect to GND.
GND (Pin 8): Analog Ground. GND should be tied directly
to an analog ground plane.
CSADC (Pin 9): ADC Chip Select Input. A logic high on this
input powers down the ADC and three-states DOUT. A logic
low on this input enables the ADC to sample the selected
channel and start the conversion. For normal operation
drive this pin in parallel with CSMUX.
LTC1598
CH5 (Pin 1): Analog Multiplexer Input.
CH6 (Pin 2): Analog Multiplexer Input.
CH7 (Pin 3): Analog Multiplexer Input.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
CLK (Pin 5): Shift Clock. This clock synchronizes the serial
data transfer to both MUX and ADC. It also determines the
conversion speed of the ADC.
CSMUX (Pin 6): MUX Chip Select Input. A logic high on
this input allows the MUX to receive a channel address. A
logic low enables the selected MUX channel and connects
it to the MUXOUT pin for A/D conversion. For normal
operation, drive this pin in parallel with CSADC.
DIN (Pin 7): Digital Data Input. The multiplexer address is
shifted into this input.
DOUT (Pin 10): Digital Data Output. The A/D conversion
result is shifted out of this output.
VCC (Pin 11): Power Supply Voltage. This pin provides
power to the ADC. It must be bypassed directly to the
analog ground plane.
CLK (Pin 12): Shift Clock. This clock synchronizes the
serial data transfer to both MUX and ADC.
CSMUX (Pin 13): MUX Chip Select Input. A logic high on
this input allows the MUX to receive a channel address. A
logic low enables the selected MUX channel and connects
it to the MUXOUT pin for A/D conversion. For normal
operation, drive this pin in parallel with CSADC.
DIN (Pin 14): Digital Data Input. The multiplexer address
is shifted into this input.
MUXOUT (Pin 15): MUX Output. This pin is the output of
the multiplexer. Tie to ADCIN for normal operation.
VCC (Pin 16): Power Supply Voltage. This pin should be
tied to Pin 11.
COM (Pin 8): Negative Analog Input. This input is the
negative analog input to the ADC and must be free of noise
with respect to GND.
GND (Pin 9): Analog Ground. GND should be tied directly
to an analog ground plane.
CSADC (Pin 10): ADC Chip Select Input. A logic high on
this input deselects and powers down the ADC and three-
states DOUT. A logic low on this input enables the ADC to
sample the selected channel and start the conversion. For
normal operation drive this pin in parallel with CSMUX.
DOUT (Pin 11): Digital Data Output. The A/D conversion
result is shifted out of this output.
NC (Pin 12): No Connection.
NC (Pin 13): No Connection.
CLK (Pin 14): Shift Clock. This input should be tied to Pin 5.


Similar Part No. - LTC1594_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
More results

Similar Description - LTC1594_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594 Datasheet
430Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598 LINER-LTC1598_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598L LINER-LTC1598L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L Datasheet
278Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com