Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1594 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1594
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594 Datasheet(HTML) 5 Page - Linear Technology

  LTC1594 Datasheet HTML 1Page - Linear Technology LTC1594 Datasheet HTML 2Page - Linear Technology LTC1594 Datasheet HTML 3Page - Linear Technology LTC1594 Datasheet HTML 4Page - Linear Technology LTC1594 Datasheet HTML 5Page - Linear Technology LTC1594 Datasheet HTML 6Page - Linear Technology LTC1594 Datasheet HTML 7Page - Linear Technology LTC1594 Datasheet HTML 8Page - Linear Technology LTC1594 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1594/LTC1598
15948fb
TYPICAL PERFORMANCE CHARACTERISTICS
0
– 0 .05
– 0 .15
– 0 .20
– 0 .25
– 0 .30
– 0 .50
– 0 .35
– 0 .10
– 0 .40
– 0 .45
REFERENCE VOLTAGE (V)
1.0
2.0
3.0
4.0
5.0
1594/98 G06
1.5
2.5
3.5
4.5
TA = 25°C
VCC = 5V
fCLK = 320kHz
fSMPL = 16.8kHz
Change in Linearity
vs Reference Voltage
TEMPERATURE (
°C)
–55
– 3.0
– 2.5
– 2.0
–1.5
–1.0
–15
25
65
1594/98 G05
– 0.5
0
–35
5
45
85
VCC = VREF = 5V
fCLK = 320kHz
fSMPL = 16.8kHz
Change in Offset vs Temperature
Change in Gain
vs Reference Voltage
REFERENCE VOLTAGE (V)
1.0
0
0.5
1.0
1.5
2.0
2.0
3.0
4.0
5.0
1594/98 G04
2.5
3.0
1.5
2.5
3.5
4.5
TA = 25°C
VCC = 5V
fCLK = 320kHz
fSMPL = 16.8kHz
Change in Offset
vs Reference Voltage
0
–1
–3
–4
–5
–6
–10
–7
–2
–8
–9
REFERENCE VOLTAGE (V)
1.0
2.0
3.0
4.0
5.0
1594/98 G07
1.5
2.5
3.5
4.5
TA = 25°C
VCC = 5V
fCLK = 320kHz
fSMPL = 16.8kHz
Peak-to-Peak ADC Noise
vs Reference Voltage
REFERENCE VOLTAGE (V)
1
1.0
1.5
5
1594/98 G08
0.5
0
2
3
4
2.0
TA = 25°C
VCC = 5V
fCLK = 320kHz
Differential Nonlinearity vs Code
Effective Bits and S/(N + D)
vs Input Frequency
S/(N + D) vs Input Level
INPUT FREQUENCY (kHz)
1
0
8
7
10
9
12
11
10
100
1000
1594/98 G10
6
50
44
62
56
74
68
38
5
4
3
2
1
TA = 25°C
VCC = 5V
fCLK = 320kHz
fSMPL = 16.8kHz
INPUT LEVEL (dB)
–40
0
20
10
40
30
60
50
80
70
– 30
–20
1594/98 G12
–10
0
TA = 25°C
VCC = VREF = 5V
fIN = 1kHz
fSMPL = 16.8kHz
Spurious Free Dynamic Range
vs Frequency
INPUT FREQUENCY (kHz)
1
40
50
60
70
80
10
100
1000
1594/98 G11
30
20
10
0
90
100
TA = 25°C
VCC = VREF = 5V
fSMPL = 16.8kHz
CODE
0
–1.0
– 0.8
– 0.6
– 0.4
– 0.2
0.4
0.6
0.8
1.0
0.2
0.0
2048
1594/98 G09
4096


Similar Part No. - LTC1594

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1594 LINER-LTC1594 Datasheet
430Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594CS LINER-LTC1594CS Datasheet
430Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594IS LINER-LTC1594IS Datasheet
430Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L Datasheet
278Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594LCS LINER-LTC1594LCS Datasheet
278Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
More results

Similar Description - LTC1594

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594 Datasheet
430Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598 LINER-LTC1598_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598L LINER-LTC1598L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L Datasheet
278Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com