Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD25Y48-L Datasheet(PDF) 2 Page - Emerson Network Power

Part # ALD25Y48-L
Description  High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALD25Y48-L Datasheet(HTML) 2 Page - Emerson Network Power

  ALD25Y48-L Datasheet HTML 1Page - Emerson Network Power ALD25Y48-L Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIN SIDE DOW N
0.35
[8.8]
1.30
[33.0]
0.04Ø [1.0Ø](6X)
0.22
[5.5]
0.90
[22.9]
0.03
[0.8]
0.19
[4.8]
0.062 Ø[1.57Ø](2
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Output
Efficiency2
Model Number
Voltage
Voltage
Current
36V to 75V
5.0V
12A
91% Typ
ALD12A48(N) - (6)(S)(L)
36V to 75V
3.3V
18A
90% Typ
ALD18F48(N) - (6)(S)(L)
36V to 75V
2.5V
20A
89% Typ
ALD20G48(N)- (6)(S)(L)
36V to 75V
1.8V
25A
88% Typ
ALD25Y48(N) - (6)(S)(L)
36V to 75V
1.5V
25A
85% Typ
ALD25M48(N)- (6)(S)(L)
36V to 75V
1.2V
25A
83% Typ
ALD25K48(N) - (6)(S)(L)
NOTES:
Efficiency values taken at nominal input full load condition, 25oC ambient temperature.
OPTIONS
(N) :
"N" =
designates Negatve Logic Enable (default is Positive Enable with no suffix “N” required)
(6)
:
“-6” =
3.7mm nominal pin length (default is 5mm nominal pin length with no suffix “-6” required)
(S) :
“-S” =
Surface Mount Termination (default is thru hole termination with no sufix “-S required)
(L) :
“L” = RoHS compliant (RoHS 6) / “Blank” - RoHS compliant with Lead (PB) in solder exemption (RoHS 5)
Pin Assignments
Single Output
1.
+ Vin
2.
Enable
3.
- Vin
4.
- Vout
5.
- Sense
6.
Trim
7.
+ Sense
8.
+Vout
Notes:
1. Measured at 20MHz bandwidth with external 10
µF
tant. capacitor in parallel with 0.1
µF ceramic
capacitor placed across +Vout and -Vout; 33
µF e-cap
or equivalent placed across +Vin and -Vin.
2. Efficiency measurements taken at full load, nominal
line and TA = 25 °C.
3. All specifications are typical at nominal line, full load
and TA = 25 °C unless otherwise noted.
4. Mechanical drawings are for reference only.
Dimensions are in inches [millimeters]. Mechanical
tolerance: ± 0.002[0.5], recommended surface mount
pads:
∅ = 0.11[2.79] ± 0.005 [0.13]; through hole pin
diameter (Pins 4 & 8)
∅ = 0.062 [1.57], others ∅ =
0.04 [1.0] (6X).
5. Technical reference Notes should be consulted for
detailed information when available.
6. All specifications subject to change without notice.
7. Warranty 1 yr.
Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use or application. (REV08: MARCH 05, 2006)
Pin 1
Pin 8
TH Termination
0.60
[15.2]
0.30
[7.6]
0.15
[3.8]
0.10
[2.5]
SIDE VIEW
PINSIDE UP
0.60
[15.2]
0.45
[11.4]
0.30
[7.6]
0.15
[3.8]
0.15
[3.8]
1.10
[27.9]
0.10
[2.5]
PIN SIDE UP
SMT Termination
0.90 [22.9]
PIN SIDE DOW N
1.30 [33.0]
See A
PIN LENGTH
A
Std Pin Length: 0.189 [4.8] MIN
0.205 [5.2] MAX
“-6” Option:
0.137 [3.5] MIN
0.152 [3.9] MAX
0.06 [1.4]
0.30 [7.6]
0.30 [7.6]
0.10 [2.5]
0.15 [3.8]
0.60 [15.2]
0.45 [11.4]
0.15 [3.8]
0.30 [7.6]
0.15 [3.8]
1.10 [27.9]
PIN SIDE UP


Similar Part No. - ALD25Y48-L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALD25Y48- ASTEC-ALD25Y48- Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD25Y48-6 ASTEC-ALD25Y48-6 Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD25Y48-6S ASTEC-ALD25Y48-6S Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
ALD25Y48-S ASTEC-ALD25Y48-S Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
More results

Similar Description - ALD25Y48-L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
   High efficiency
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
   High efficiency
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
   High efficiency.
logo
Sanken electric
BL0200C SANKEN-BL0200C Datasheet
632Kb / 26P
   High Efficiency
logo
Taoglas antenna solutio...
SDWA.01 TAOGLAS-SDWA.01 Datasheet
1Mb / 20P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC2504TW GENESIC-KBPC2504TW Datasheet
334Kb / 3P
   High efficiency
KBPC3504TW GENESIC-KBPC3504TW Datasheet
333Kb / 3P
   High efficiency
logo
Texas Instruments
PT7720 TI1-PT7720_13 Datasheet
161Kb / 8P
[Old version datasheet]   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC1510TW GENESIC-KBPC1510TW Datasheet
314Kb / 3P
   High efficiency
KBPC2510TW GENESIC-KBPC2510TW Datasheet
315Kb / 3P
   High efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com