Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1605-2CN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1605-2CN
Description  Single Supply 16-Bit, 100ksps, Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1605-2CN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1605-2CN Datasheet HTML 3Page - Linear Technology LTC1605-2CN Datasheet HTML 4Page - Linear Technology LTC1605-2CN Datasheet HTML 5Page - Linear Technology LTC1605-2CN Datasheet HTML 6Page - Linear Technology LTC1605-2CN Datasheet HTML 7Page - Linear Technology LTC1605-2CN Datasheet HTML 8Page - Linear Technology LTC1605-2CN Datasheet HTML 9Page - Linear Technology LTC1605-2CN Datasheet HTML 10Page - Linear Technology LTC1605-2CN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1605-1/LTC1605-2
APPLICATIONS INFORMATION
autozero switch, S3. In this acquire phase, a minimum
delay of 2
µswillprovideenoughtimeforthesample-and-
hold capacitor to acquire the analog signal. During the
convert phase, S3 opens, putting the comparator into the
compare mode. The input switch S2 switches CSAMPLE to
ground, injecting the analog input charge onto the sum-
ming junction. This input charge is successively com-
pared with the binary-weighted charges supplied by the
capacitive DAC. Bit decisions are made by the high speed
comparator. At the end of a conversion, the DAC output
balances the VIN input charge. The SAR contents (a 16-
bit data word) that represents the VIN are loaded into the
16-bit output latches.
Driving the Analog Inputs
The nominal input range for the LTC1605-1 is 0V to 4V or
(1.6VREF) and for the LTC1605-2 the input range is ±4V
or (
±1.6VREF). The inputs are overvoltage protected to
±25V. The input impedance is typically 10kΩ; therefore,
it should be driven by a low impedance source. Wideband
noise coupling into the input can be minimized by placing
a 1000pF capacitor at the input as shown in Figure 2. An
NPO-type capacitor gives the lowest distortion. Place the
capacitor as close to the device input pin as possible. If
an amplifier is to be used to drive the input, care should
be taken to select an amplifier with adequate accuracy,
linearity and noise for the application. The following list
is a summary of the op amps that are suitable for driving
the LTC1605-1/LTC1605-2. More detailed information is
available in the Linear Technology data books and
LinearView
TM CD-ROM.
Conversion Details
The LTC1605-1/LTC1605-2 use a successive approxi-
mation algorithm and an internal sample-and-hold cir-
cuit to convert an analog signal to a 16-bit or two byte
parallel output. The ADC is complete with a precision
reference and an internal clock. The control logic pro-
vides easy interface to microprocessors and DSPs. (Please
refer to the Digital Interface section for the data format.)
Conversion start is controlled by the CS and R/C inputs.
At the start of conversion, the successive approximation
register (SAR) is reset. Once a conversion cycle has
begun, it cannot be restarted.
During the conversion, the internal 16-bit capacitive DAC
output is sequenced by the SAR from the most significant
bit (MSB) to the least significant bit (LSB). Referring to
Figure 1, VIN is connected through the resistor divider
and S1 to the sample-and-hold capacitor during the
acquire phase and the comparator offset is nulled by the
Figure 1. LTC1605-1/LTC1605-2 Simplified Equivalent Circuit
VDAC
1605-1/2 F01
+
CDAC
DAC
S1
SAMPLE
S2
HOLD
CSAMPLE
S
A
R
16-BIT
LATCH
COMPARATOR
SAMPLE
S3
RIN2
RIN1
VIN
LinearView is a trademark of Linear Technology Corporation
1k
50pF
50pF
DBN
DBN
1k
5V
1605-1/2 TC02
A. VOH TO HI-Z
B. VOL TO HI-Z
Load Circuit for Access Timing
Load Circuit for Output Float Delay
1k
CL
CL
DBN
DBN
1k
5V
1605-1/2 TC01
A. HI-Z TO VOH AND VOL TO VOH
B. HI-Z TO VOL AND VOH TO VOL
TEST CIRCUITS


Similar Part No. - LTC1605-2CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results

Similar Description - LTC1605-2CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
   16-Bit, 100ksps, Sampling ADC
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Analog Devices
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com