Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC210-48D12-03J Datasheet(PDF) 8 Page - Emerson Network Power

Part # ATC210-48D12-03J
Description  Dual-Input Bus Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ATC210-48D12-03J Datasheet(HTML) 8 Page - Emerson Network Power

Back Button ATC210-48D12-03J Datasheet HTML 4Page - Emerson Network Power ATC210-48D12-03J Datasheet HTML 5Page - Emerson Network Power ATC210-48D12-03J Datasheet HTML 6Page - Emerson Network Power ATC210-48D12-03J Datasheet HTML 7Page - Emerson Network Power ATC210-48D12-03J Datasheet HTML 8Page - Emerson Network Power ATC210-48D12-03J Datasheet HTML 9Page - Emerson Network Power ATC210-48D12-03J Datasheet HTML 10Page - Emerson Network Power ATC210-48D12-03J Datasheet HTML 11Page - Emerson Network Power ATC210-48D12-03J Datasheet HTML 12Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SXA10 Series
| 15W DC-DC
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
8
File Name: atc210.pdf Rev: 16 Aug 2006
Isolation Characteristics
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input to output insulation system
Basic
Input to output test voltage
2,250
Vdc
Test duration 1s
Input to output capacitance
2,000
pF
Input to output resistance
100
M
Measured with 500 Vdc
A_OK# and B_OK#
Basic
Isolation from primary circuit
ON/OFF+ and ON/OFF-
Basic
Isolation from both primary and
secondary circuits
Efficiency
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Efficiency
η
86
89
%
full load, low to high line
(12 V and 3.3 V = 210 W)


Similar Part No. - ATC210-48D12-03J

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC210-48D12-03J ATMEL-ATC210-48D12-03J Datasheet
500Kb / 16P
   Dual-Input Bus Converter
logo
Artesyn Technologies
ATC210-48D12-03J ARTESYN-ATC210-48D12-03J Datasheet
487Kb / 16P
   Integrated Power Conversion and Power Management Solution
More results

Similar Description - ATC210-48D12-03J

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC210 ATMEL-ATC210 Datasheet
500Kb / 16P
   Dual-Input Bus Converter
logo
Emerson Network Power
QBWIIBC EMERSON-NETWORKPOWER-QBWIIBC Datasheet
302Kb / 4P
   wide-input intermediate bus converter
logo
Bel Fuse Inc.
07CR BEL-07CR Datasheet
134Kb / 2P
   Bus Converter 48V Input / 140W Output
07CM-27S12L BEL-07CM-27S12L Datasheet
122Kb / 2P
   Bus Converter 48V Input / 12V Output / 27A
07CM-36S10L BEL-07CM-36S10L Datasheet
133Kb / 3P
   Bus Converter 48V Input / 9.4V Output / 36A
07CM-38S10L BEL-07CM-38S10L Datasheet
206Kb / 5P
   Bus Converter 48V Input / 9.3V Output / 36.5A
07CN-70S10L BEL-07CN-70S10L Datasheet
177Kb / 2P
   Bus Converter 48V Input / 9.4V Output / 70A
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
   Bus Converter 48V Input / 12V Output / 20A
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com