Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1606ISW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1606ISW
Description  16-Bit, 250ksps, Single Supply ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606ISW Datasheet(HTML) 4 Page - Linear Technology

  LTC1606ISW Datasheet HTML 1Page - Linear Technology LTC1606ISW Datasheet HTML 2Page - Linear Technology LTC1606ISW Datasheet HTML 3Page - Linear Technology LTC1606ISW Datasheet HTML 4Page - Linear Technology LTC1606ISW Datasheet HTML 5Page - Linear Technology LTC1606ISW Datasheet HTML 6Page - Linear Technology LTC1606ISW Datasheet HTML 7Page - Linear Technology LTC1606ISW Datasheet HTML 8Page - Linear Technology LTC1606ISW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1606
1606fa
LTC1606/LTC1606A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
250
kHz
tCONV
Conversion Time
2.5
µs
tACQ
Acquisition Time
1.5
µs
t1
Convert Pulse Width
(Note 11)
40
ns
t2
Data Valid Delay After R/C
(Note 9)
2.5
µs
t3
BUSY Delay from R/C
CL = 30pF
65
ns
t4
BUSY Low
2.5
µs
t5
BUSY Delay After End of Conversion
100
ns
t6
Aperture Delay
40
ns
t7
Bus Relinquish Time
15
50
ns
t8
BUSY Delay After Data Valid
20
90
ns
t9
Previous Data Valid After R/C
2
µs
t10
R/C to CS Setup Time
(Notes 9, 10)
5ns
t11
Time Between Conversions
4
µs
t12
Bus Access
CL = 30pF
15
60
ns
Byte Delay
CL = 30pF (Notes 9, 10)
15
60
ns
LTC1606/LTC1606A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 4.75V
IO = –10µA
4.5
V
IO = – 200µA
4.0
V
VOL
Low Level Output Voltage
VDD = 4.75V
IO = 160µA
0.05
V
IO = 1.6mA
0.10
0.4
V
IOZ
Hi-Z Output Leakage D15 to D0
VOUT = 0V to VDD, CS High
±10
µA
COZ
Hi-Z Output Capacitance D15 to D0
CS High (Note 9)
15
pF
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
TIMING CHARACTERISTICS
The
indicates specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
The
indicates specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
DIGITAL I PUTS A D DIGITAL OUTPUTS


Similar Part No. - LTC1606ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606I LINER-LTC1606I Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606IG LINER-LTC1606IG Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
More results

Similar Description - LTC1606ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
logo
List of Unclassifed Man...
ZADCS1082 ETC2-ZADCS1082_11 Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com