Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1646 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1646
Description  CompactPCI Dual Hot Swap Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646 Datasheet(HTML) 3 Page - Linear Technology

  LTC1646 Datasheet HTML 1Page - Linear Technology LTC1646 Datasheet HTML 2Page - Linear Technology LTC1646 Datasheet HTML 3Page - Linear Technology LTC1646 Datasheet HTML 4Page - Linear Technology LTC1646 Datasheet HTML 5Page - Linear Technology LTC1646 Datasheet HTML 6Page - Linear Technology LTC1646 Datasheet HTML 7Page - Linear Technology LTC1646 Datasheet HTML 8Page - Linear Technology LTC1646 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC1646
3
1646fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
Input High Voltage
OFF/ON, RESETIN, FAULT
2V
VTIMER
TIMER Threshold Voltage
VTIMER , FAULT = 0V
1.15
1.25
1.35
V
IIN
OFF/ON Input Current
OFF/ON = 5V
±0.08
±10
µA
OFF/ON = 0V
±0.08
±10
µA
RESETIN Input Current
RESETIN = 5V
±0.08
±10
µA
RESETIN = 0V
±0.08
±10
µA
5VSENSE Input Current
5VSENSE = 5V, 5VOUT = 0V
66
100
µA
3VSENSE Input Current
3VSENSE = 3.3V, 3VOUT = 0V
66
100
µA
3VIN Input Current
3VIN = 3.3V
460
1000
µA
5VOUT Input Current
5VOUT = 5V, OFF/ON = 0V
0.9
1.5
mA
3VOUT Input Current
3VOUT = 3.3V, OFF/ON = 0V
0.9
1.5
mA
ITIMER
TIMER Pin Current
OFF/ON = 0V, VTIMER = 0V
–7
–5
–3
µA
OFF/ON = 5V, VTIMER = 5V
6.6
mA
RDIS
5VOUT Discharge Impedance
OFF/ON = 5V
120
220
3VOUT Discharge Impedance
OFF/ON = 5V
120
220
VOL
Output Low Voltage
FAULT, PWRGD, RESETOUT, I = 2mA
0.25
0.4
V
VPXG
PRECHARGE Reference Voltage
VPRECHARGE, V5VIN = 5V and 3.3V
0.90
1.00
1.10
V
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V5VIN = 5V and V3VIN = 3.3V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
TYPICAL PERFOR A CE CHARACTERISTICS
5V Current Foldback Profile
3.3V Current Foldback Profile
OUTPUT VOLTAGE (V)
0
2
4
5
1646 G01
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RSENSE = 0.007Ω
1646 G02
12
11
10
9
8
7
6
5
4
3
2
1
0
OUTPUT VOLTAGE (V)
0
2
4
5
13
RSENSE = 0.005Ω
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
1646 G03
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
5VIN Supply Current vs
Temperature


Similar Part No. - LTC1646

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results

Similar Description - LTC1646

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
logo
Linear Technology
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
   CompactPCI Hot Swap Controller with I2C Compatible Interface
LTC4240 LINER-LTC4240 Datasheet
486Kb / 28P
   CompactPCI Hot Swap Controller with I2C Compatible Interface
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
logo
Pericom Semiconductor C...
PI5L102 PERICOM-PI5L102 Datasheet
422Kb / 7P
   CompactPCI Hot Swap Pull-up Switch
logo
Linear Technology
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
LTC4244 LINER-LTC4244_15 Datasheet
354Kb / 28P
   Rugged, CompactPCI Bus Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com