Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXA10-12S05J Datasheet(PDF) 4 Page - Emerson Network Power

Part # BXA10-12S05J
Description  1 x 2 x 0.395 inch package with stand-offs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXA10-12S05J Datasheet(HTML) 4 Page - Emerson Network Power

  BXA10-12S05J Datasheet HTML 1Page - Emerson Network Power BXA10-12S05J Datasheet HTML 2Page - Emerson Network Power BXA10-12S05J Datasheet HTML 3Page - Emerson Network Power BXA10-12S05J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev.03.07.07
bxa10
4 of 4
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
technicalsupport@powerconversion.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
100%
Ambient Temperature (˚C)
0%
0ºC 20ºC
40ºC 60ºC
80ºC 100ºC 120º C
-25ºC
110ºC
DERATING CURVE
Output Power (Watts)
71ºC
BOTTOM VIEW
2.0
(50.8)
0.8
(20.4)
0.6
(15.2)
0.4
(10.2)
0.2
(5.1)
0.3
(7.6)
1.00 (25.4)
0.040 Dia. (1.0)
0.020
(0.5)
0.395 (10.03)
max.
0.4
(10.2)
0.1
(2.5)
34
5
6
2
1
0.135
± 0.010
(3.4
± 0.2)
0.4
(10.2)
ALL DIMENSIONS IN INCHES (mm)
BOTTOM VIEW
Mechanical Notes
A Recommended PCB hole diameter is 0.052 inches (1.32 mm).
B
All pins are in true position within 0.010 inches (0.25 mm).
C
Tolerance (inches):
.XX
=
±0.02
XXX
=
±0.005


Similar Part No. - BXA10-12S05J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - BXA10-12S05J

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
   3 x 2 x 1 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
logo
List of Unclassifed Man...
FDC10 ETC1-FDC10 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Bel Fuse Inc.
ABC75 BEL-ABC75_V01 Datasheet
1Mb / 7P
   3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
logo
Emerson Network Power
NFS40SERIES EMERSON-NETWORKPOWER-NFS40SERIES Datasheet
1Mb / 4P
   5.0 x 3.0 x 1.2 inch package
logo
Bel Fuse Inc.
ABC120 BEL-ABC120_V01 Datasheet
736Kb / 7P
   3 x 2 x 1 Inch Footprint 120 Watts with Forced Air Cooling
logo
Lucky Light Electronic
GB-333F LUCKY-LIGHT-GB-333F Datasheet
42Kb / 1P
   Round Type With Stand-offs LED Lamps (5mm)
logo
DATEL, Inc.
AT22D12-0.62 DATEL-AT22D12-0.62 Datasheet
156Kb / 1P
   (2 inch X 1 inch), AT series, 짹12 Volts Output
AT22D15-1 DATEL-AT22D15-1 Datasheet
156Kb / 1P
   (2 inch X 1 inch), AT series, 짹15 Volts Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com