Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1649CS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1649CS
Description  3.3V Input High Power Step-Down Switching Regulator Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1649CS Datasheet(HTML) 3 Page - Linear Technology

  LTC1649CS Datasheet HTML 1Page - Linear Technology LTC1649CS Datasheet HTML 2Page - Linear Technology LTC1649CS Datasheet HTML 3Page - Linear Technology LTC1649CS Datasheet HTML 4Page - Linear Technology LTC1649CS Datasheet HTML 5Page - Linear Technology LTC1649CS Datasheet HTML 6Page - Linear Technology LTC1649CS Datasheet HTML 7Page - Linear Technology LTC1649CS Datasheet HTML 8Page - Linear Technology LTC1649CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1649
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a part may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: Maximum Duty Cycle limitations will limit the output voltage
obtainable at very low supply voltages.
Note 4: Supply current at PVCC1 and PVCC2 is dominated by the current
needed to charge and discharge the external MOSFET gates. This current
will vary with the operating voltage and the external MOSFETs used.
Note 5: Under normal operating conditions, the charge pump will skip
cycles to maintain regulation and the apparent frequency will be lower than
700kHz.
Note 6: The ILIM amplifier can sink but not source current. Under normal
(not current limited) operation, the ILIM output current will be zero.
Note 7: Driver rise and fall times are measured from 10% to 90%.
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–40
210
220
240
20
60
1649 G02
200
190
–20
0
40
80
100
180
170
230
VCC = 5V
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–40
12.5
13.0
14.0
20
60
1649 G01
12.0
11.5
–20
0
40
80
100
11.0
10.5
13.5
VCC = 5V
IMAX Pin Current vs Temperature
TEMPERATURE (
°C)
–40
70
75
85
90
95
0
40
60
1649 G03
80
–20
20
80
100
100
VCOMP = VCC
VFB = 1.265V
VCC = 5V
Maximum Duty Cycle
vs Temperature
Error Amplifier Transconductance
vs Temperature
TEMPERATURE (
°C)
–40
350
400
500
550
600
850
700
0
40
60
100
1649 G04
450
750
800
650
–20
20
80
gm =
∆ICOMP
∆VFB
VCC = 5V
Output Voltage vs Load Current
with Current Limit
LOAD CURRENT (A)
0
1.5
2.0
2.5
6
10
1649 G07
1.0
0.5
0
24
8
3.0
3.5
4.0
12
TA = 25°C
VCC = 5V
FIGURE 1
RIMAX = 16k
RIMAX = 33k
Load Regulation
LOAD CURRENT (A)
0
–1.0
– 0.8
– 0.4
– 0.2
0
0.4
1
5
7
1649 G06
– 0.6
0.2
4
9
10
2
3
68
TA = 25°C
VOUT = 3.3V
VCC = 5V
FIGURE 1
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC1649CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1649CS LINER-LTC1649CS Datasheet
201Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
More results

Similar Description - LTC1649CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649 Datasheet
201Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LTC1430A LINER-LTC1430A_15 Datasheet
296Kb / 24P
   High Power Step-Down Switching Regulator Controller
LTC1430A LINER-LTC1430A Datasheet
356Kb / 24P
   High Power Step-Down Switching Regulator Controller
LTC1430 LINER-LTC1430 Datasheet
211Kb / 16P
   High Power Step-Down Switching Regulator Controller
LTC1430 LINER-LTC1430_15 Datasheet
231Kb / 16P
   High Power Step-Down Switching Regulator Controller
logo
Analog Intergrations Co...
AIC1579 AIC-AIC1579 Datasheet
315Kb / 8P
   Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5069JA ONSEMI-LV5069JA Datasheet
344Kb / 20P
   Step-down Switching Regulator Controller
March, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com