Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1654 Datasheet(PDF) 9 Page - Linear Technology

Part # 1654
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1654 Datasheet(HTML) 9 Page - Linear Technology

Back Button 1654 Datasheet HTML 5Page - Linear Technology 1654 Datasheet HTML 6Page - Linear Technology 1654 Datasheet HTML 7Page - Linear Technology 1654 Datasheet HTML 8Page - Linear Technology 1654 Datasheet HTML 9Page - Linear Technology 1654 Datasheet HTML 10Page - Linear Technology 1654 Datasheet HTML 11Page - Linear Technology 1654 Datasheet HTML 12Page - Linear Technology 1654 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1654
1654fb
Voltage Output
The LTC1654 comes complete with rail-to-rail voltage
output buffer amplifiers. These amplifiers will swing to
within a few millivolts of either supply rail when unloaded
and to within a 450mV of either supply rail when sinking
or sourcing 5mA.
There are two GAIN configuration modes for the LTC1654:
a) GAIN of 1: (X1/X1/2 tied to REFLO)
VOUT = (VREFHI – VREFLO)(CODE/16384) + VREFLO
b) GAIN of 1/2: (X1/X1/2 tied to VOUT)
VOUT = (1/2)(VREFHI – VREFLO)(CODE/16384) + VREFLO
The LTC 1654 has two SPEED modes: A FAST mode and
a SLOW mode. When operating in the FAST mode, the
output amplifiers will settle in 3
µs (typ) to 14 bits on a 4V
output swing. In the SLOW mode, they will settle in 8.5
µs.
The total supply current is 930
µA in the FAST mode and
540
µA in the SLOW mode. The output noise voltage
density at 10kHz is 170nV/
√Hz in SLOW mode and
150nV/
√Hz in FAST mode.
Power Down
Each DAC can also be independently powered down to less
than 5
µA/DAC of supply current. The reference pin also
goes into a high impedance state when the DAC is powered
down and the reference current will drop to below 0.1
µA.
The amplifiers’ output stage is also three-stated but the
VOUT pins still have the internal gain-setting resistors
connected to them resulting in an effective resistance from
VOUT to REFLO. This resistance is typically 90k when the
X1/X1/2 pin is tied to VOUT and 36k when X1/X1/2 is tied to
REFLO. Because of this resistance, VOUT will go to VREFLO
when the DAC is powered down and VOUT is unloaded.
OPERATIO


Similar Part No. - 1654

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1654 MOTOROLA-1654 Datasheet
204Kb / 6P
   Binary Counter
logo
Schurter Inc.
1654 SCHURTER-1654 Datasheet
359Kb / 3P
   Power Cord with IEC Connector C19, Straight
1654 SCHURTER-1654 Datasheet
630Kb / 5P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
logo
Heyco.
1654 HEYCO-1654 Datasheet
117Kb / 1P
   Thin Panel Dome Plugs
1654 HEYCO-1654 Datasheet
112Kb / 1P
   Shorty Plugs
More results

Similar Description - 1654

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1654 LINER-LTC1654_15 Datasheet
195Kb / 16P
   Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
LTC1654 LINER-LTC1654 Datasheet
154Kb / 12P
   Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com