Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1696 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1696
Description  Overvoltage Protection Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 5 Page - Linear Technology

  LTC1696 Datasheet HTML 1Page - Linear Technology LTC1696 Datasheet HTML 2Page - Linear Technology LTC1696 Datasheet HTML 3Page - Linear Technology LTC1696 Datasheet HTML 4Page - Linear Technology LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC1696
5
TYPICAL PERFOR A CE CHARACTERISTICS
TIMER Current vs Temperature
TIMER Current
vs Feedback Overdrive
Glitch Filter Timer
vs Feedback Overdrive
Glitch Filter Timer
vs Feedback Overdrive
External Trigger Threshold
Voltage vs Supply Voltage
External Trigger Threshold
Voltage vs Temperature
RESET Threshold Voltage
vs Supply Voltage
TEMPERATURE (
°C)
–55
8
10
12
14
65
85 105
22
1696 G10
–35 –15
5
25
45
125
16
18
20
VCC = 12V
FB1 AND FB2 OVERDRIVE = 200mV
FB1 OR FB2 OVERDRIVE = 200mV
FEEDBACK OVERDRIVE (mV)
0
12
16
20
200
1696 G11
8
4
0
50
100
150
250
VCC = 12V
TA = 25°C
FB1 AND FB2 OVERDRIVE
FB1 OR FB2 OVERDRIVE
FEEDBACK OVERDRIVE (mV)
0
4
6
8
10
12
14
16
50
100
150
200
1696 G12
250
VCC = 3.3V
TA = 25°C
FB1 AND FB2 OVERDRIVE
FB1 OR FB2 OVERDRIVE
FEEDBACK OVERDRIVE (mV)
0
15
20
25
200
1696 G13
10
5
0
50
100
150
250
VCC = 3.3V
TA = 25°C
FB1 AND FB2 OVERDRIVE
FB1 OR FB2 OVERDRIVE
FEEDBACK OVERDRIVE (mV)
0
0
5
10
15
20
25
30
50
100
150
200
1696 G14
250
VCC = 12V
TA = 25°C
FB1 AND FB2 OVERDRIVE
FB1 OR FB2 OVERDRIVE
SUPPLY VOLTAGE (V)
0
1.51
1.50
1.49
1.48
1.47
1.46
1.45
1.44
15
25
1696 G15
510
20
30
TA = 25°C
TEMPERATURE (
°C)
–55
1.475
1.480
1.490
1.495
1.500
–15
25
45
125
1696 G16
1.485
–35
5
65
85 105
1.505
VCC = 12V
SUPPLY VOLTAGE (V)
0
0.858
0.860
0.862
15
25
1696 G17
0.856
0.854
0.852
510
20
0.864
0.866
0.868
30
TA = 25°C
RESET Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–55
0.860
0.865
0.870
105
1696 G18
0.855
0.850
0.840
–15
25
65
–35
125
5
45
85
0.845
0.880
0.875
VCC = 12V
TIMER Current
vs Feedback Overdrive


Similar Part No. - LTC1696

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC1696 LINER-LTC1696 Datasheet
291Kb / 24P
   High Voltage Surge
LTC1696 LINER-LTC1696 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
logo
Linear Integrated Syste...
LTC1696 LINEAR-LTC1696 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
More results

Similar Description - LTC1696

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com