Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTLT Datasheet(PDF) 10 Page - Linear Technology

Part # LTLT
Description  Overvoltage Protection Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTLT Datasheet(HTML) 10 Page - Linear Technology

Back Button LTLT Datasheet HTML 4Page - Linear Technology LTLT Datasheet HTML 5Page - Linear Technology LTLT Datasheet HTML 6Page - Linear Technology LTLT Datasheet HTML 7Page - Linear Technology LTLT Datasheet HTML 8Page - Linear Technology LTLT Datasheet HTML 9Page - Linear Technology LTLT Datasheet HTML 10Page - Linear Technology LTLT Datasheet HTML 11Page - Linear Technology LTLT Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC1696
10
APPLICATIO S I FOR ATIO
Back-to-Back N-Channel MOSFET
A power management circuit that uses the LTC1696 to
control external back-to-back N-channel MOSFET at low
supply voltage is shown in Figure 3. In standby mode, the
drain of the external N-channel MOSFET, Q1, is pulled high
by the power management controller when the LTC1696
OUT pin is in the low state. The LTC1696 drives the gate of
Q1 high during an overvoltage fault condition. This pulls
the drain of Q1 low and turns off the back-to-back N-
channel MOSFETs.
C1
1nF
6
5
4
1696 F03
1
2
3
LTC1696
RESET
1.8V
Q2
2N7002
FB1
GND
VCC
FB2
OUT
TIMER/
RESET
R1
44.2k
1%
1.5V
VCC
3.3V
R2
38.3k
1%
R3
44.2k
1%
Q1
2N7002
N-CHANNEL
×2
PRIMARY
INPUT
SUPPLY
R4
54.9k
1%
C2
0.1
µF
POWER MANAGEMENT
CONTOLLER
Figure 3. Back-to-Back N-Channel MOSFETs for Low Supply Application


Similar Part No. - LTLT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-10203 LITEON-LTL-10203 Datasheet
195Kb / 4P
   Property of Lite-On Only
LTL-10203W LITEON-LTL-10203W Datasheet
192Kb / 4P
   Property of Lite-On Only
LTL-10203WP LITEON-LTL-10203WP Datasheet
192Kb / 4P
   Property of Lite-On Only
LTL-10213 LITEON-LTL-10213 Datasheet
199Kb / 4P
   Property of Lite-On Only
LTL-10213-002A LITEON-LTL-10213-002A Datasheet
230Kb / 5P
   Property of Lite-On Only
More results

Similar Description - LTLT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com