Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1699EGN-80 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1699EGN-80
Description  SMBus VID Voltage Programmers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1699EGN-80 Datasheet(HTML) 1 Page - Linear Technology

  LTC1699EGN-80 Datasheet HTML 1Page - Linear Technology LTC1699EGN-80 Datasheet HTML 2Page - Linear Technology LTC1699EGN-80 Datasheet HTML 3Page - Linear Technology LTC1699EGN-80 Datasheet HTML 4Page - Linear Technology LTC1699EGN-80 Datasheet HTML 5Page - Linear Technology LTC1699EGN-80 Datasheet HTML 6Page - Linear Technology LTC1699EGN-80 Datasheet HTML 7Page - Linear Technology LTC1699EGN-80 Datasheet HTML 8Page - Linear Technology LTC1699EGN-80 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC1699 Series
1
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Fully Compliant with Intel 5-Bit Mobile
(LTC1699-80) and Desktop VRM8.4 (LTC1699-81)
and VRM9.0 (LTC1699-82) VID Specifications
s
Precision
±0.35% Programmable Resistor Divider
for Use with 0.8V Referenced DC/DC Converters
s
Two Different Divider Settings Can Be Stored Using a
2-Wire SMBus Serial Interface (Rev 1.1)
s
Built-In Safeguards Minimize Misprogramming Due
to Bus Conflicts
s
Three Open-Drain Pins (CPU_ON, IO_ON, CLK_ON)
and a Global Control Pin (VRON)to Shutdown or
Soft-Start 3 DC/DC Converters Simultaneously
s
PGOOD Pin and 50
µs PGOOD Timer
s
Available in MSOP-8 and SSOP-16 Package
AMD Athlon is a trademark of Advanced Micro Devices, Inc.
Pentium is a registered trademark of Intel Corporation.
Intel SpeedStep is a trademark of Intel Corporation.
The LTC
®1699-80, LTC1699-81 and LTC1699-82 are pre-
cision (
±0.35% max), digitally programmed resistor di-
viders that comply with Intel 5-bit mobile (LTC1699-80),
desktop VRM8.4 (LTC1699-81) and VRM9.0 (LTC1699-82)
VID specifications. Each IC can switch the output of a
DC/DC converter between two set voltages. A digital input
pin, SEL, selects one of two divider settings stored into
registers via a 2-wire SMBus interface.
The SMBus interface uses Write Word protocol to setup
the registers and to turn the DC/DC converters on or off.
Read Word protocol is used to verify register contents and
to return the On/Off status of the converters. The
LTC1699-80, LTC1699-81 and LTC1699-82 incorporate
safeguards against errors due to bus conflicts.
Three open-drain N-channel outputs (CPU_ON, IO_ON
and CLK_ON) are provided to turn DC/DC converter sup-
plies on or off via their RUN/SS inputs. A global control pin,
VRON is used to turn the converters on or off simulta-
neously. An internal timer pulls the PGOOD pin low for
50
µs if the divider setting changes or the converters are
turned on via the SMBus and the VRON pin.
s
Intel Desktop Pentium
® III Power Supply
s
Intel Mobile Pentium
® Power Supply with Intel
SpeedStep
TM Technology
s
Desktop AMD Athlon
TM Power Supply
s
Software Programmable Remote Power Supply
s
Power Supplies with Voltage Margining
SMBus VID
Voltage Programmers
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CPU_ON
IO_ON
CLK_ON
PGOOD
FB
VRON
SCL
SEL
SDA
VRON
SCL
SEL
SDA
SENSE
VCC
U1
LTC1699-81
M1
M2
L1, 1
µH
C1
10
µF
25V
C1, C2, C3, C4, C9: TAIYO YUDAN
C5: SANYO
C10, C11: PANASONIC, SPCL. POLY.
D1: CMDSH-3
D2: DIODES INC., B340A
L1: TOKO, 919AS-1RON
M1: Si4884DY
M2: Si4874DY
C2
10
µF
25V
C3
10
µF
25V
C9
22
µF
6.3V
C4
10
µF
25V
C5
10
µF
35V
ALUM
D2
D1
VIN
5VDC
5
3
4
1
NC
2
NC
7
NC
11
GND
14
GND
15
8
13
9
10
6
12
16
RUN/SS
PGOOD
VRNG
FCB
ITH
SGND
ION
VFB
BOOST
TG
SW
PGND
BG
INTVCC
VIN
EXTVCC
U2
LTC1778
1699 TA05
VIN
5V
TO 20V
R4
10k
R3
1
R5
715k, 1%
R2, 11k
C7
0.22
µF
C15
220pF
C12
0.1
µF
C19, 0.01
µF
C6
0.01
µF
+
C11
180
µF
4V
GND
GND
5V
VOUT
2.5V
AT 10A
+
C10
180
µF
4V
+
C18
2200pF
C14, 0.1
µF
C8, 0.01
µF
R1
39k
R9
100k
PGOOD
C13
4.7
µF
6.3V
SMBus Controlled High Efficiency DC/DC Converter
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1699EGN-80

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1699 LINER-LTC1699_15 Datasheet
260Kb / 20P
   SMBus VID Voltage Programmers
More results

Similar Description - LTC1699EGN-80

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1699 LINER-LTC1699_15 Datasheet
260Kb / 20P
   SMBus VID Voltage Programmers
logo
List of Unclassifed Man...
SA015A1T ETC2-SA015A1T Datasheet
138Kb / 3P
   Universal Programmers
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
logo
Silicon Laboratories
AN169 SILABS-AN169 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
logo
STMicroelectronics
ST6-EPB STMICROELECTRONICS-ST6-EPB Datasheet
48Kb / 3P
   ST6 EPROM programmers
October 2010 Rev 1
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
   Programmers and Shorting Plugs
logo
Linear Technology
LTC1706-81 LINER-LTC1706-81 Datasheet
148Kb / 8P
   5-Bit Desktop VID Voltage Programmer
logo
Aries Electronics, Inc.
16003 ARIES-16003 Datasheet
192Kb / 1P
   Programmers and Shorting Plugs
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
   SMBus voltage-level translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com