Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSG115 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TDSG115
Description  7 mm Seven Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSG115 Datasheet(HTML) 1 Page - Vishay Siliconix

  TDSG115 Datasheet HTML 1Page - Vishay Siliconix TDSG115 Datasheet HTML 2Page - Vishay Siliconix TDSG115 Datasheet HTML 3Page - Vishay Siliconix TDSG115 Datasheet HTML 4Page - Vishay Siliconix TDSG115 Datasheet HTML 5Page - Vishay Siliconix TDSG115 Datasheet HTML 6Page - Vishay Siliconix TDSG115 Datasheet HTML 7Page - Vishay Siliconix TDSG115 Datasheet HTML 8Page - Vishay Siliconix TDSG115 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDS.11..
Vishay Telefunken
1 (9)
Rev. A1, 02-Jun-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83124
7 mm Seven Segment Display
Color
Type
Circuitry
Red
TDSR115.
Common anode
Red
TDSR116.
Common cathode
Orange red
TDSO115.
Common anode
Orange red
TDSO116.
Common cathode
Yellow
TDSY115.
Common anode
Yellow
TDSY116.
Common cathode
Green
TDSG115.
Common anode
Green
TDSG116.
Common cathode
Description
The TDS.11.. series are 7 mm character seven seg-
ment LED displays in a very compact package.
The displays are designed for a viewing distance up to
3 meters and available in four bright colors. The grey
package surface and the evenly lighted untinted seg-
ments provide an optimum on-off contrast.
All displays are categorized in luminous intensity
groups. That allows users to assemble displays with
uniform appearence.
Typical applications include instruments, panel me-
ters,
point-of-sale
terminals
and
household
equipment.
Features
D Evenly lighted segments
D Grey package surface
D Untinted segments
D Luminous intensity categorized
D Yellow and green categorized for color
D Wide viewing angle
D Suitable for DC and high peak current
96 11506
Applications
Panel meters
Test- and measure- equipment
Point-of-sale terminals
Control units


Similar Part No. - TDSG115

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSG1150 VISHAY-TDSG1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSG1150 VISHAY-TDSG1150 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSG1150 VISHAY-TDSG1150 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSG1150 VISHAY-TDSG1150 Datasheet
166Kb / 12P
   Standard 7-Segment Display 7 mms
01-Jan-2022
TDSG1150 VISHAY-TDSG1150 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
More results

Similar Description - TDSG115

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
   Low Current 7 mm Seven Segment Display
Rev. 1.5, 25-Jan-10
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
TEMIC Semiconductors
TDSR515 TEMIC-TDSR515 Datasheet
129Kb / 9P
   13 mm Seven Segment Display
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Vishay Siliconix
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com