Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1290BISW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1290BISW
Description  Single Chip 12-Bit Data Acquisition System
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290BISW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1290BISW Datasheet HTML 4Page - Linear Technology LTC1290BISW Datasheet HTML 5Page - Linear Technology LTC1290BISW Datasheet HTML 6Page - Linear Technology LTC1290BISW Datasheet HTML 7Page - Linear Technology LTC1290BISW Datasheet HTML 8Page - Linear Technology LTC1290BISW Datasheet HTML 9Page - Linear Technology LTC1290BISW Datasheet HTML 10Page - Linear Technology LTC1290BISW Datasheet HTML 11Page - Linear Technology LTC1290BISW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC1290
1290fe
PI FU CTIO S
DIN (Pin 17): Digital Data Input. The A/D configuration
word is shifted into this input after CS is recognized.
SCLK (Pin 18): Shift Clock. This clock synchronizes the
serial data transfer.
ACLK (Pin 19): A/D Conversion Clock. This clock controls
the A/D conversion process.
VCC (Pin 20): Positive Supply. This supply must be kept
free of noise and ripple by bypassing directly to the analog
ground plane.
BLOCK DIAGRAM
INPUT
SHIFT
REGISTER
SAMPLE-
AND-
HOLD
12-BIT
CAPACITIVE
DAC
VCC
20
ANALOG
INPUT MUX
1
2
3
4
5
6
7
8
9
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DOUT
16
SCLK
18
CONTROL
AND
TIMING
15
CS
LTC1290 • BD
17
REF+
14
DGND
10
AGND
11
V
12
REF
13
COMP
OUTPUT
SHIFT
REGISTER
DIN
19
ACLK
12-BIT
SAR
TEST CIRCUITS
5V
A
A
IOFF
ION
POLARITY
OFF
CHANNELS
ON CHANNEL
LTC1290 • TC01
On and Off Channel Leakage Current
Load Circuit for tdis and ten
DOUT
3k
100pF
TEST POINT
5V WAVEFORM 2
WAVEFORM 1
LTC1290 • TC02


Similar Part No. - LTC1290BISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290BISW LINER-LTC1290BISW Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290BISW LINER-LTC1290BISW Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Integrated Syste...
LTC1290BISW LINEAR-LTC1290BISW Datasheet
580Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Technology
LTC1290BISW LINER-LTC1290BISW Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1290BISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com