Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1292DCN8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1292DCN8
Description  Single Chip 12-Bit Data Acquisition Systems
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292DCN8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1292DCN8 Datasheet HTML 7Page - Linear Technology LTC1292DCN8 Datasheet HTML 8Page - Linear Technology LTC1292DCN8 Datasheet HTML 9Page - Linear Technology LTC1292DCN8 Datasheet HTML 10Page - Linear Technology LTC1292DCN8 Datasheet HTML 11Page - Linear Technology LTC1292DCN8 Datasheet HTML 12Page - Linear Technology LTC1292DCN8 Datasheet HTML 13Page - Linear Technology LTC1292DCN8 Datasheet HTML 14Page - Linear Technology LTC1292DCN8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1292/LTC1297
12927fb
on two port lines and the DOUT signal is read on a third port
line. After a falling CLK edge each data bit is loaded into the
carry bit and then rotated into the accumulator. Once the
first 8 MSBs have been shifted into the accumulator they
are loaded into register R2. The last four bits are shifted in
the same way and loaded into register R3. The output data
is left-justified in registers R2 and R3 (Figure 5).
For the LTC1297 four NOPs need to be inserted in the 8051
code after CS goes low to allow the LTC1297 to wake up
from power shutdown (tsuCS).
S
APPLICATI
I FOR ATIO
LABEL MNEMONIC
OPERAND
COMMENTS
LDAA
#$50
CONFIGURATION DATA FOR SPCR
STAA
$1028
LOAD DATA INTO SPCR ($1028)
LDAA
#$1B
CONFIG. DATA FOR PORT D DDR
STAA
$1009
LOAD DATA INTO PORT D DDR
LDAA
#$00
LOAD DUMMY DIN WORD INTO
ACC A
STAA
$50
LOAD DUMMY DIN DATA INTO $0
LOOP
LDX
#$1000
LOAD INDEX REGISTER X WITH
$1000
LDAB
#$00
LOAD ACC B WITH $00
LDAA
$50
LOAD DIN INTO ACC FROM $50
BCLR
$08,X,$01
D0 GOES LOW (CS GOES LOW)
NOP
3 NOP FOR tsuCS TIMING
NOP
NOP
STAA
$102A
LOAD DUMMY DIN INTO SPI,
START CLK
LABEL MNEMONIC
OPERAND
COMMENTS
MC68HC11 CODE for LTC1297 Interface
LOOP1 LDAA
$1029
CHECK SPI STATUS REG
BPL
LOOP1
CHECK IF TRANSFER IS DONE
LDAA
$102A
LOAD LTC1297 MSBs INTO ACC A
STAA
$61
STORE MSBs IN $61
STAA
$102A
LOAD DUMMY DIN INTO SPI,
START SCK
LOOP2 LDAA
$1029
CHECK SPI STATUS RES
BPL
LOOP2
CHECK IF TRANSFER IS DONE
BSET
$08X,$01
D0 GOES HIGH (CS GOES HIGH)
LDAA
$102A
LOAD LTC1297 LSBs INTO ACC A
STAA
$62
STORE LSBs IN $62
ROR
$61
ROTATE RIGHT WITH CARRY
ROR
$62
NEEDED TO RIGHT JUSTIFY
ROR
$61
THE DATA IN $61 AND $62
ROR
$62
JMP
LOOP
START NEXT CONVERSION
BYTE 2
B3
B7
B6
B5
B4
B2
B0
B1
B10
B9
B8
B11
O
O
OO
BYTE 1
DOUT FROM LTC1297 STORED ON MC68HC11 RAM
LOCATION #61
LOCATION #62
MSB
LTC1292/7 F04
CLK
DOUT
LTC1297
CS
ANALOG
INPUTS
DO
SCK
MISO
MC68HC11
Figure 4. Hardware and Software Interface to Motorola MC68HC11 Microcontroller
The data is right- justified in the two memory locations by
rotating right twice (Figure 4). ANDing the first byte with
0FHEX clears the four most significant bits. This operation
was not included in the code. It can be inserted in the data
gathering loop or outside the loop when the data is
processed.
Interfacing to the Parallel Port of the Intel 8051 Family
The Intel 8051 has been chosen to show the interface
between the LTC1292/LTC1297 and parallel port
microprocessors. The signals CS and CLK are generated


Similar Part No. - LTC1292DCN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1292DCN8 LINER-LTC1292DCN8 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
More results

Similar Description - LTC1292DCN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com