Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1297DCN8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1297DCN8
Description  Single Chip 12-Bit Data Acquisition Systems
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1297DCN8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1297DCN8 Datasheet HTML 1Page - Linear Technology LTC1297DCN8 Datasheet HTML 2Page - Linear Technology LTC1297DCN8 Datasheet HTML 3Page - Linear Technology LTC1297DCN8 Datasheet HTML 4Page - Linear Technology LTC1297DCN8 Datasheet HTML 5Page - Linear Technology LTC1297DCN8 Datasheet HTML 6Page - Linear Technology LTC1297DCN8 Datasheet HTML 7Page - Linear Technology LTC1297DCN8 Datasheet HTML 8Page - Linear Technology LTC1297DCN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1292/LTC1297
12927fb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LTC1297 Supply Current (Power
Shutdown) vs CLK Frequency
REFERENCE VOLTAGE (V)
0
0.75
1.00
1.25
4
LTC1292/7 G06
0.50
0.25
0
1
2
3
5
VCC = 5V
Change in Gain vs Temperature
* AS THE CLK FREQUENCY IS DECREASED FROM 1MHz, MINIMUM CLK FREQUENCY (
∆ERROR ≤ 0.1LSB) REPRESENTS THE
FREQUENCY AT WHICH A 0.1LSB SHIFT IN ANY CODE TRANSITION FROM ITS 1MHz VALUE IS FIRST DETECTED (NOTE 9).
CLK FREQUENCY (kHz)
0
15
20
25
800
LTC1292/7 G04
10
5
0
200
400
600
1000
VCC = 5V
VREF = 5V
CS HIGH
CMOS LOGIC LEVELS
Change in Linearity vs
Reference Voltage
Unadjusted Offset Voltage vs
Reference Voltage
REFERENCE VOLTAGE (V)
1
0.5
0.6
5
LTC1292/7 G05
0.4
0.3
0.1
2
3
4
0.2
0.9
0.8
0.7
VOS = 0.125mV
VCC = 5V
VOS = 0.250mV
Change in Gain vs
Reference Voltage
Change in Offset vs Temperature
AMBIENT TEMPERATURE (
°C)
–50
0.3
0.4
0.5
50
LTC1292/7 G08
0.2
0.1
0
–25
0
25
75
125
100
VCC = 5V
VREF = 5V
CLK = 1MHz
Change in Linearity vs
Temperature
AMBIENT TEMPERATURE (
°C)
–50
0.3
0.4
0.5
50
LTC1292/7 G09
0.2
0.1
0
–25
0
25
75
125
100
VCC = 5V
VREF = 5V
CLK = 1MHz
DOUT Delay Time vs Temperature
REFERENCE VOLTAGE (V)
0
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
12
3
4
LTC1292/7 G07
5
VCC = 5V
AMBIENT TEMPERATURE (
°C)
–50
0.3
0.4
0.5
50
LTC1292/7 G10
0.2
0.1
0
–25
0
25
75
125
100
VCC = 5V
VREF = 5V
CLK = 1MHz
AMBIENT TEMPERATURE (
°C)
–50
0.15
0.20
0.25
50
LTC1292/7 G11
0.10
0.05
–25
0
25
75
125
100
VCC = 5V
Minimum Clock Rate for
0.1 LSB Error*
AMBIENT TEMPERATURE (
°C)
–50
150
200
250
50
LTC1292/7 G12
100
0
–25
0
25
75
125
100
VCC = 5V
50
MSB FIRST DATA
LSB FIRST DATA


Similar Part No. - LTC1297DCN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297DCN8 LINER-LTC1297DCN8 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
More results

Similar Description - LTC1297DCN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com