Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BOT123 Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # BOT123
Description  3 Way 2 Tier 3mm LED Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

BOT123 Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  BOT123 Datasheet HTML 1Page - Bedford Opto Technology Ltd. BOT123 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ABSOLUTE MAXIMUM RATINGS (TA = 25OC)
REVERSE VOLTAGE
6 Volts
CONTINUOUS FORWARD CURRENT
30 mA
POWER DISSIPATION
100 mW
OPERATING TEMP
-40 TO+100
OC
STORAGE TEMP
-55to +100
OC
LEAD SOLDERING TEMP(2mm FROM BODY 5secs)
260
OC
OPTO ELECTRONIC DATA (Ta = 25OC)
BOT123 Series
10.3.06 ISS C
PAGE 2 OF 2
ORDERING INFORMATION
POSITION
1
2
3
4
5
6
BOT123
X
X
X
X
X
X
X=R=RED,G=GREEN,Y=YELLOW,PG=PURE GREEN,O=SOFT ORANGE
COLOUR
Lumenous Intensity
If = 10mA
mcd
Peak Wavelength
nm
Forward Voltage
If = 20mA
volts
HE RED
min
typ
max
6.3
-
-
635
-
-
2.0
3.0
YELLOW
min
typ
6.3
-
585
-
2.4
GREEN
min
typ
max
6.3
-
-
565
-
-
2.4
3.0
VIEWING ANGLE
deg
30
30
30
PURE
GREEN
Min
Typ
max
1.6
555
2.4
3.0
30
SOFT
ORANGE
Min
Typ
max
1.6
605
2.4
3.0
30
Pb
This
component
is RoHS
compliant


Similar Part No. - BOT123

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOT107 BOT-BOT107 Datasheet
37Kb / 2P
   4 Way 3mm LED Array 90 deg Mount
BOT1806 BOT-BOT1806 Datasheet
39Kb / 2P
   6 ELEMENT PCB MOUNT 1.8mm LED ARRAY
More results

Similar Description - BOT123

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORT33 BOT-ORT33 Datasheet
32Kb / 2P
   3 Tier 3mm LED ASSEMBLY
SSA187 BOT-SSA187 Datasheet
40Kb / 3P
   3 TIER 3mm LED ASSEMBLY
SSA149 BOT-SSA149 Datasheet
35Kb / 2P
   2 TIER 3mm LED ASSEMBLY
SSA150 BOT-SSA150 Datasheet
33Kb / 2P
   3 TIER 3mm LED ASSEMBLY
SSA190 BOT-SSA190 Datasheet
33Kb / 2P
   3mm LED ARRAY 6 WAY 2 HIGH
BOT107 BOT-BOT107 Datasheet
37Kb / 2P
   4 Way 3mm LED Array 90 deg Mount
ORT43S BOT-ORT43S Datasheet
33Kb / 2P
   3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
SSA-370 BOT-SSA-370 Datasheet
35Kb / 2P
   3mm LED Linear Array
SSA-009 BOT-SSA-009 Datasheet
36Kb / 2P
   3mm LED Linear Array
BLA81 BOT-BLA81_12 Datasheet
53Kb / 2P
   3mm LED Linear Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com