Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVS Datasheet(PDF) 9 Page - Emerson Network Power

Part # IVS
Description  Intelligent VS Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS Datasheet(HTML) 9 Page - Emerson Network Power

Back Button IVS Datasheet HTML 3Page - Emerson Network Power IVS Datasheet HTML 4Page - Emerson Network Power IVS Datasheet HTML 5Page - Emerson Network Power IVS Datasheet HTML 6Page - Emerson Network Power IVS Datasheet HTML 7Page - Emerson Network Power IVS Datasheet HTML 8Page - Emerson Network Power IVS Datasheet HTML 9Page - Emerson Network Power IVS Datasheet HTML 10Page - Emerson Network Power IVS Datasheet HTML 11Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Rev. 1.22.09_145
iVS Series
9 of 11
Embedded Power for
Business-Critical Continuity
279.4±1.0
63.5
DC OK
LED
5.0±0.5
293.0±1.2
127.0±0.5
12.0
57.4
33.5
13.5
AC OK
LED
FOR M4 SCREW (4X)
(FOR SYSTEM MOUNTING)
USB PROGRAMMING
CONNECTOR OPTION
I2C CONNECTOR
SELV CONTROL
CONNECTOR
171.5 (2X)
19.1 (2X)
GND
AC INPUT
CONNECTOR
171.5 (2X)
19.1 (2X)
L3
L2
L1
19.1 (2X)
171.5 (2X)
FOR M4 SCREW (4X)
(FOR SYSTEM MOUNTING)
FOR #8-32 SCREW (4X)
(SYSTEM MOUNTING)
29.1 (2X)
171.5 (2X)
FOR M4 SCREW (4X)
(FOR SYSTEM MOUNTING)
20.3±0.6
REVERSE AIRFLOW DIRECTION
NORMAL AIRFLOW DIRECTION
5-InchCaseSize:
iVS6:5”x5”x11”(127mmx127mmx279.4mm)
Weight:
iVS6Case:6.0lbs.•1500WSingle2.0lbs.
•750WSingle:1.6lbs.•360WSingle:1.0lb.
•210WSingle:0.6lb.•144WDual:0.6lb.
iVSSeries
iVS6(3210 WattsMax)
Notes
1. Input:Barriertype.FourM3screws(0.325”centers).Maxtorque:6in-lbs.(0.67N-m).
2. Controlconnectors:(J1)10positionhousing,goldplatedcontacts.MateswithMolex90142-0010housingwith90119-2110crimpcontacts(MolexC-GridIIISeries).
Connectorkitincludesmatingconnectorand10pins,Astecpart#70-841-004.(J2)10positionhousing(Landwin2051P1000T).Mateswithhousing2050S1000
(Landwin)with2053T011P(Landwin)pins.
3. Chassismaterial:aluminumwithchemicalfilmcoating(conductive).
4. Alldimensionsareinmillimetersandinches,andaretypical.
5. Customermounting-3sidesM4,bottomalsoincludes8-32mountingholes.Max.penetrationis0.155”(4.0mm).Max.torque:5in-lbs.(0.57N-m).
6. Outputmoduleconnections:AllsingleO/PmodulesareM4x8mmscrews.Max.torque:10in-lbs.(1.13N-m).
DualO/PmoduleisM3x8mmscrews.Max.torque:5in-lbs.(0.57N-m).
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240


Similar Part No. - IVS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IVS EMERSON-NETWORKPOWER-IVS Datasheet
2Mb / 12P
   Intelligent VS Power
IVS1 EMERSON-NETWORKPOWER-IVS1 Datasheet
2Mb / 11P
   IVS1-5L1-1Q1-2EO-4LL0-10-A Up to 4920 Watts
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
   Intelligent VS Power Up to 4920 Watts
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
logo
Emerson Network Power
IVS1-5L1-1Q1-2EO-4LL0-00 EMERSON-NETWORKPOWER-IVS1-5L1-1Q1-2EO-4LL0-00 Datasheet
2Mb / 11P
   IVS1-5L1-1Q1-2EO-4LL0-10-A Up to 4920 Watts
More results

Similar Description - IVS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IVS EMERSON-NETWORKPOWER-IVS_11 Datasheet
2Mb / 12P
   Intelligent VS Power
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
   Intelligent VS Power Up to 4920 Watts
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
logo
Mitsubishi Electric Sem...
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com