Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFMM5560 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TFMM5560
Description  Photo Modules for PCM Remote Control Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFMM5560 Datasheet(HTML) 4 Page - Vishay Siliconix

  TFMM5560 Datasheet HTML 1Page - Vishay Siliconix TFMM5560 Datasheet HTML 2Page - Vishay Siliconix TFMM5560 Datasheet HTML 3Page - Vishay Siliconix TFMM5560 Datasheet HTML 4Page - Vishay Siliconix TFMM5560 Datasheet HTML 5Page - Vishay Siliconix TFMM5560 Datasheet HTML 6Page - Vishay Siliconix TFMM5560 Datasheet HTML 7Page - Vishay Siliconix TFMM5560 Datasheet HTML 8Page - Vishay Siliconix TFMM5560 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TFMM5..0
Vishay Telefunken
Rev. 3, 14-Sep-00
www.vishay.com
Document Number 82003
4 (10)
Ee
T
tpi *
t
* tpi w 400 ms is recommended for optimal function
VO
VOH
VOL
tpo
tpo = tpi "160 ms
t
94 8133
Optical Test Signal
( IR diode TSIP 5201, IF = 1.5 A, 30 pulses, f = f0, T = 10 ms )
Output Signal
Figure 7. Output Function
Ee
t
VO
VOH
VOL
t
600
ms
600
ms
T = 60 ms
Ton
Toff
94 8134
Optical Test Signal
Output Signal, ( see Fig.10 )
Figure 8. Output Function
0.05
0.25
0
2
4
tp / T – Duty Cycle
0.45
95 10190
0.15
0.35
8
6
Figure 9. Sensitivity vs. Duty Cycle
0.1
1
10
100
1000
Ee – Irradiance ( mW / m2 )
10000
95 10191
0.0
0.2
0.4
0.6
0.8
1.0
Ton
Toff
l = 950 nm, Optical Test Signal, Fig.8
Figure 10. Output Pulse Diagram
Tamb – Ambient Temperature ( °C )
94 8150
–30
0
30
60
0.0
0.2
0.4
0.6
0.8
1.0
90
Vs = 5 V
Figure 11. Supply Current vs. Ambient Temperature
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0
Figure 12. Relative Spectral Sensitivity vs. Wavelength


Similar Part No. - TFMM5560

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TFM-104-02-D-P-TR SAMTEC-TFM-104-02-D-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-104-02-DH-P-TR SAMTEC-TFM-104-02-DH-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-104-02-S-P-TR SAMTEC-TFM-104-02-S-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-D-P-TR SAMTEC-TFM-105-02-D-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-DH-P-TR SAMTEC-TFM-105-02-DH-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
More results

Similar Description - TFMM5560

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com