Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23C24 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # AZ23C24
Description  300 mW Dual Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AZ23C24 Datasheet(HTML) 3 Page - Vishay Siliconix

  AZ23C24 Datasheet HTML 1Page - Vishay Siliconix AZ23C24 Datasheet HTML 2Page - Vishay Siliconix AZ23C24 Datasheet HTML 3Page - Vishay Siliconix AZ23C24 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZ23C2V7–AZ23C51
Vishay Telefunken
Rev. 1, 01-Apr-99
3 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85591
Dimensions in mm
14371
top view
Case: SOT23, molded plastic
Mounting position: any
Approx. weight: 0.008 grams


Similar Part No. - AZ23C24

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C24 DIODES-AZ23C24 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Jiangsu Changjiang Elec...
AZ23C24 JIANGSU-AZ23C24 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
AZ23C24 DIODES-AZ23C24 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
logo
Diode Semiconductor Kor...
AZ23C24 DSK-AZ23C24 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
AZ23C24 TSC-AZ23C24 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
More results

Similar Description - AZ23C24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C2V7 VISHAY-DZ23C2V7 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
AZ23C27-51 BWTECH-AZ23C27-51 Datasheet
470Kb / 5P
   300 mw Dual Surface Mount Zener Diodes
logo
Diode Semiconductor Kor...
AZ23C2V7 DSK-AZ23C2V7 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMBZ5221B SUNMATE-MMBZ5221B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
Microsemi Corporation
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
logo
Vishay Siliconix
BZX84C2V7 VISHAY-BZX84C2V7 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Microsemi Corporation
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com