Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFMM5400 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TFMM5400
Description  Photo Modules for PCM Remote Control Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFMM5400 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TFMM5400 Datasheet HTML 2Page - Vishay Siliconix TFMM5400 Datasheet HTML 3Page - Vishay Siliconix TFMM5400 Datasheet HTML 4Page - Vishay Siliconix TFMM5400 Datasheet HTML 5Page - Vishay Siliconix TFMM5400 Datasheet HTML 6Page - Vishay Siliconix TFMM5400 Datasheet HTML 7Page - Vishay Siliconix TFMM5400 Datasheet HTML 8Page - Vishay Siliconix TFMM5400 Datasheet HTML 9Page - Vishay Siliconix TFMM5400 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TFMM5..0
Vishay Telefunken
9 (10)
Rev. 3, 14-Sep-00
www.vishay.com
Document Number 82003
(3)
Configuration of tapes
40 mm min.
40 mm min. 200 mm min.
<>
<>
<>
End
Empty
Parts mounted
Empty
Leader
Start
(4)
Quantity
1000 pcs. per reel
Packing
(1)
Dampproof packing
Products will be packed in anti-humidity aluminium
bags to prevent the products from moisture absorption
during transportation and storage. Each bag contains
a desiccant with moisture indicators. In the event bags
absorb moisture, the indicators change their color from
blue to pink.
Aluminiumbag
Desiccant
Label
Reel
95 10203
(2)
Recommended method of storage
Dry box storage is recommended to prevent the parts
from moisture absorption. The following conditions
should be preserved if dry boxes are not available.
Storage temperature:
10 – 30
_C
Storage humidity: 60% RH max
In case of moisture absorption the device will recover
to the former conditon by drying under the following
recommended conditions:
taped version:
60
_C/48 h
untaped version:
125
_C/2 h
Lot Number
3 digits
Last digit of calendar year
Month code
5 18
Lot number is labeled on the aluminum bag and also indicated on the reverse side of each part.


Similar Part No. - TFMM5400

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TFM-104-02-D-P-TR SAMTEC-TFM-104-02-D-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-104-02-DH-P-TR SAMTEC-TFM-104-02-DH-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-104-02-S-P-TR SAMTEC-TFM-104-02-S-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-D-P-TR SAMTEC-TFM-105-02-D-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-DH-P-TR SAMTEC-TFM-105-02-DH-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
More results

Similar Description - TFMM5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com