Selected language     English  ▼


TC54VN3601ECBSTP Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part No. TC54VN3601ECBSTP
Description  VOLTAGE DETECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TELCOM [TelCom Semiconductor, Inc]
Homepage  http://www.telcom-semi.com
Logo 

   
 2 page
background image
4-280
TELCOM SEMICONDUCTOR, INC.
TC54
VOLTAGE DETECTOR
ELECTRICAL CHARACTERISTICS: TA = 25°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Operating Voltage
V
DET = 2.1 to 6.0V
1.5
10.0
V
ISS
Quiescent Current
VIN =
2.1V
1.0
3.0
3.0V
1.3
3.4
µA
4.0V
1.6
3.8
5.0V
2.0
4.2
V
DET
Threshold Voltage
(V
DET)(V
DET)V
x 0.98
x 1.02
VHYST
Hysteresis Range
(V
DET)(V
DET)(V
DET)V
x 0.02
x 0.05
x 0.08
IOUT
Output Current
Nch VDS = 0.5
VIN = 2.1V
7.7
mA
3.0V
10.1
4.0V
11.5
5.0V
13.0
Pch VDS = 2.1V
VIN = 8.0V
– 10.0
TC (V
DET)
Tempco of (V
DET)
– 40
°C ≤ TA ≤ 85°C
± 100
ppm/
°C
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VIN) ..................................................................... 12V
Output Voltage: CMOS ............ (VSS – 0.3) to (VIN + 0.3)
Open Drain ................. (VSS – 0.3) to 12V
Output Current .........................................................50mA
Power Dissipation: (TA ≤ 70°C)
SOT-23A-3 ..................................................... 240mW
SOT-89-3 ....................................................... 400mW
TO-92
....................................................... 440mW
Operating Temperature .......................... – 40
°C to + 85°C
Storage Temperature ........................... – 65
°C to + 150°C
Soldering Temperature ...................... 300
°C, 10 seconds
* Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
Pin No.
Symbol
Description
1VIN
Analog input. This pin is both the power supply input and the voltage to be monitored.
2VOUT
Digital output. This output goes low when VIN drops below V
DET and returns
high when VIN rises above V
DET + VHYST. (See timing chart).
3VSS
Ground terminal.
PIN DESCRIPTION




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RN5VDVOLTAGE DETECTOR WITH OUTPUT DELAY 1 2 3 4 5 MoreRICOH electronics devices division
IS489Low Voltage Operating Type High Sensitivity OPIC Light Detector 1 2 3 Sharp Electrionic Components
ILC5140CMOS MULTILEVEL VOLTAGE DETECTOR 1 2 3 4 5 MoreImpala Linear Corporation
NJU77122ch VOLTAGE DETECTOR 1 2 3 4 5 MoreNew Japan Radio
BD48XXFVEVoltage Detector IC 1 2 3 4 5 MoreRohm
BU42XXFVELow Voltage Detector IC with Adjustable Output Delay 1 2 3 4 5 MoreRohm
MC33460Under Voltage Detector Series 1 2 3 4 5 MoreON Semiconductor
RN5VSLOW VOLTAGE DETECTOR 1 2 3 4 5 MoreRICOH electronics devices division
S-806VOLTAGE DETECTOR 1 2 3 4 5 MoreSeiko Instruments Inc
NCP300Voltage Detector Series 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl