Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEO10M48N-S Datasheet(PDF) 4 Page - Emerson Network Power

Part # AEO10M48N-S
Description  66/120 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEO10M48N-S Datasheet(HTML) 4 Page - Emerson Network Power

  AEO10M48N-S Datasheet HTML 1Page - Emerson Network Power AEO10M48N-S Datasheet HTML 2Page - Emerson Network Power AEO10M48N-S Datasheet HTML 3Page - Emerson Network Power AEO10M48N-S Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev. 09.30.08_100
AEO/ALO25 Series
4 of 4
MechanicalDrawing
OPENFRAMESURFACEMOUNT
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
Waterfront Business Park
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracy and completeness in this literature, Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DC Power
ALOOPENFRAMESMTPIN
0.75
[19.1]
2.19
[55.5]
PIN SIDE UP
SIDE VIEW
PIN SIDE DOWN
2.30
[58.4]
0.31
[7.9]
0.15
[3.9]
E
- Vin
+ Vin
-Sense
Trim
+ Sense
-Output
+ Output
0.90
[22.9]
0.15
[3.8]
0.30
[7.6]
0.45
[11.4] 0.60
[15.2] 0.75
[19.1]
0.15
[3.8]
0.45
[11.4]
0.75
[19.1]
2.19
[55.5]
PIN SIDE UP
SIDE VIEW
PIN SIDE DOWN
2.30
[58.4]
0.31
[7.9]
0.15
[3.9]
E
- Vin
+ Vin
-Sense
Trim
+ Sense
-Output
+ Output
0.90
[22.9]
0.15
[3.8]
0.30
[7.6]
0.45
[11.4] 0.60
[15.2] 0.75
[19.1]
0.15
[3.8]
0.45
[11.4]
0.75
[19.1]
2.19
[55.5]
PIN SIDE UP
SIDE VIEW
PIN SIDE DOWN
2.30
[58.4]
0.31
[7.9]
0.15
[3.9]
E
- Vin
+ Vin
-Sense
Trim
+ Sense
-Output
+ Output
0.90
[22.9]
0.15
[3.8]
0.30
[7.6]
0.45
[11.4] 0.60
[15.2] 0.75
[19.1]
0.15
[3.8]
0.45
[11.4]
116


Similar Part No. - AEO10M48N-S

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
29.09.2021
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
04.01.2022
logo
Astec America, Inc
AEO10A48 ASTEC-AEO10A48 Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
AEO10A48-6 ASTEC-AEO10A48-6 Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
AEO10A48-6S ASTEC-AEO10A48-6S Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
More results

Similar Description - AEO10M48N-S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA20140 ASTEC-AA20140 Datasheet
577Kb / 2P
   120 Watts
AL60A ASTEC-AL60A Datasheet
840Kb / 2P
   120 Watts
LPS120 ASTEC-LPS120 Datasheet
209Kb / 3P
   120 Watts
ADN5-24-3PM ASTEC-ADN5-24-3PM Datasheet
377Kb / 2P
   120-960 Watts
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
   70-120 Watts
logo
List of Unclassifed Man...
HY2004 ETC2-HY2004 Datasheet
61Kb / 2P
   120 WATTS Power Amplifier
logo
Artesyn Technologies
AVO120-48S12-4L ARTESYN-AVO120-48S12-4L Datasheet
498Kb / 3P
   Total Power: 120 Watts
logo
Tumbler Technologies + ...
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
logo
Artesyn Technologies
AVD100-48S05-6L ARTESYN-AVD100-48S05-6L Datasheet
497Kb / 3P
   Total Power: 100 - 120 Watts
logo
Qualtek Electronics Cor...
QADA-120 QUALTEK-QADA-120 Datasheet
757Kb / 2P
   120 Watts Single Output Desktop
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com