Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT80 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPT80
Description  Power Factor Correction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT80 Datasheet(HTML) 1 Page - Emerson Network Power

  LPT80 Datasheet HTML 1Page - Emerson Network Power LPT80 Datasheet HTML 2Page - Emerson Network Power LPT80 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Power for
Business-Critical Continuity
LPT80 Series
80 Watts
Special Features
• Power Factor Correction
• EN61000-3-2 compliant
• Universal input
• 3” x 5” footprint
• Remote sense on outputs 1
(& 2 for LPT81)
• Power fail and remote inhibit
• Wide range adjustable on
outputs 1 (& 2 for LPT81)
• Built-in Class B EMI filter
• Overvoltage protection
• Overload protection
Total Power:
55 - 85 Watts
Input Voltage:
85-264 Vac
120-370 Vdc
# of Outputs:
Triple
Electrical Specifications
Safety
Input
Input range:
85-264 Vac; 120-300 Vdc
Frequency:
47-440 Hz
Inrush current:
<18 A peak @ 115 Vac;
<36 A peak @ 230 Vac,
cold start @ 25 °C
Input current:
1.5 A max. (RMS) @ 115 Vac
Efficiency:
75% typical at full load
EMI filter:
FCC Class B conducted
CISPR 22 Class B conducted
EN55022 Class B conducted
VDE 0878 PT3 Class B conducted
Safety ground
leakage current:
<1 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power:
60 W for convection( LPT81, 55 W);
85 W with 30 CFM forced air
Adjustment range:
3.3 V - 5.5 V on outputs one
(and two 1.8 V - 3.5 V for LPT81)
Hold-up time:
20 ms @85 W load, 115 Vac nominal line
Overload protection:
Short circuit protection on all outputs.
Case overload protected @ 145% above peak rating
Overvoltage protection: Tracks outputs 1( & 2 for LPT81): 20% to 35% above
output setting
VDE
60950
UL
60950
CSA
60950
NEMKO 60950
AUSTEL
60950
CB
Certificate & report
CE
Mark LVD
Rev. 05.23.08
LPT80 Series
1 of 3
RoHS


Similar Part No. - LPT80

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LPT80 SIEMENS-LPT80 Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
Astec America, Inc
LPT80 ASTEC-LPT80 Datasheet
261Kb / 2P
   80 Watts
logo
Pulse A Technitrol Comp...
LPT800/900NMO PULSE-LPT800/900NMO Datasheet
691Kb / 5P
   700/800/900/1850 mhz coils/whips
logo
Siemens Semiconductor G...
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
LPT80A OSRAM-LPT80A Datasheet
204Kb / 9P
   Silicon NPN Phototransistor Version 1.3
More results

Similar Description - LPT80

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
   Power Factor Correction
logo
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
logo
EPCOS
B25667B3397A375 EPCOS-B25667B3397A375_05 Datasheet
110Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com