Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHK51 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLHK51
Description  High Intensity LED, 5 mm Untinted Non-Diffused
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHK51 Datasheet(HTML) 6 Page - Vishay Siliconix

  TLHK51 Datasheet HTML 1Page - Vishay Siliconix TLHK51 Datasheet HTML 2Page - Vishay Siliconix TLHK51 Datasheet HTML 3Page - Vishay Siliconix TLHK51 Datasheet HTML 4Page - Vishay Siliconix TLHK51 Datasheet HTML 5Page - Vishay Siliconix TLHK51 Datasheet HTML 6Page - Vishay Siliconix TLHK51 Datasheet HTML 7Page - Vishay Siliconix TLHK51 Datasheet HTML 8Page - Vishay Siliconix TLHK51 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLH.51..
Vishay Telefunken
6 (9)
Rev. A3, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83010
0
2
468
0.1
1
10
100
1000
10
95 10034
VF – Forward Voltage ( V )
tp/T=0.001
tp=10ms
Green
Figure 15 Rel. Luminous Intensity vs.
Ambient Temperature
0
0
0.4
0.8
1.2
1.6
95 10035
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
IF=10mA
Green
Figure 16 Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10263
500
2.0
Green
IF – Forward Current ( mA )
Figure 17 Specific Luminous Intensity vs. Forward Current
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 10037
Green
Figure 18 Relative Luminous Intensity vs. Forward Current
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
l – Wavelength ( nm )
1.0
Green
Figure 19 Relative Luminous Intensity vs. Wavelength
0
1
234
0.1
1
10
100
VF – Forward Voltage ( V )
5
95 9988
Pure Green
Figure 20 Forward Current vs. Forward Voltage


Similar Part No. - TLHK51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK510 VISHAY-TLHK510 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHK510 VISHAY-TLHK510 Datasheet
117Kb / 6P
   High Intensity LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHK5100 VISHAY-TLHK5100 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLHK51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHE5800 VISHAY-TLHE5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHF5800 VISHAY-TLHF5800_V01 Datasheet
114Kb / 5P
   High Intensity LED, ??5 mm Untinted Non-Diffused
18-Jul-08
TLHK5800 VISHAY-TLHK5800_V02 Datasheet
109Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK510 VISHAY-TLHK510_V01 Datasheet
117Kb / 6P
   High Intensity LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLHE5800 VISHAY-TLHE5800_V02 Datasheet
447Kb / 4P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCR5200 VISHAY-TLCR5200 Datasheet
167Kb / 8P
   High Intensity LED, diameter 5 mm 30degree Untinted Non-Diffused
Rev. 5, 08-Apr-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com