Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC600-ACNR16S1J Datasheet(PDF) 8 Page - Emerson Network Power

Part # MTC600-ACNR16S1J
Description  MicroTCA
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MTC600-ACNR16S1J Datasheet(HTML) 8 Page - Emerson Network Power

Back Button MTC600-ACNR16S1J Datasheet HTML 4Page - Emerson Network Power MTC600-ACNR16S1J Datasheet HTML 5Page - Emerson Network Power MTC600-ACNR16S1J Datasheet HTML 6Page - Emerson Network Power MTC600-ACNR16S1J Datasheet HTML 7Page - Emerson Network Power MTC600-ACNR16S1J Datasheet HTML 8Page - Emerson Network Power MTC600-ACNR16S1J Datasheet HTML 9Page - Emerson Network Power MTC600-ACNR16S1J Datasheet HTML 10Page - Emerson Network Power MTC600-ACNR16S1J Datasheet HTML 11Page - Emerson Network Power MTC600-ACNR16S1J Datasheet HTML 12Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Rev. 05.26.08
MTC600 Series
8 of 19
Embedded Power for
Business-Critical Continuity
Output Signals - All Models
Electrical Specifications (continued)
EN1_[SLOT]#: EN1_M1, EN1_M2, EN1_CU1, EN1_CU2, EN1_1, EN1_2...EN1_12
Open collector output. Isink, max=10 mA. No internal current limit
MIN
MAX
Logic Level Low Voltage - VOL
0.8 V
Voltage Withstand - Vmax
5.5 V
RST_PM_[x]#: RST_PM_A#,RST_PM_B#,RST_PM_C#
Open collector output, Isink, max = 10 mA. No current limit
MIN
MAX
Logic Level Low Voltage, - VOL
0.8 V
Voltage Withstand - Vmax
5.5 V
PM_OK#: PM_OK#
Open collector output, Isink max = 10 mA. No current limit
MIN
MAX
Logic Level Low Voltage - VOL
0.8 V
Voltage Withstand - Vmax
5.5 V
SMP: SMP
Compliant to MicroTCA.0 R1.0 Section 4.6.5.4.3, requirements 4.221-4.225
MIN
MAX
Voltage Range
4.5 V
6 V
Isink
750 mA
Isource
350 mA
Shared Signals - All Models


Similar Part No. - MTC600-ACNR16S1J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
MTC600-ACNR16S1J ARTESYN-MTC600-ACNR16S1J Datasheet
477Kb / 19P
   MicroTCA MTC600 Series 600 Watts
More results

Similar Description - MTC600-ACNR16S1J

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Yamaichi Electronics Co...
CNU009P-096-1001 YAMAICHI-CNU009P-096-1001 Datasheet
193Kb / 1P
   Power Connectors for MicroTCA
logo
List of Unclassifed Man...
CNU009 ETC2-CNU009 Datasheet
157Kb / 1P
   Power Connectors for MicroTCA
logo
Yamaichi Electronics Co...
CN084-680-1232-1010-0 YAMAICHI-CN084-680-1232-1010-0 Datasheet
269Kb / 1P
   MCH Plug - (MicroTCA Carrier Hub)
logo
Artesyn Technologies
MTC600-ACNR16S1J ARTESYN-MTC600-ACNR16S1J Datasheet
477Kb / 19P
   MicroTCA MTC600 Series 600 Watts
logo
Actel Corporation
UTCA-PM-RD-O ACTEL-UTCA-PM-RD-O Datasheet
197Kb / 7P
   MicroTCA Power Module Reference Design
logo
FCI connector
10070158-00219XLF FCI-CONNECTOR-10070158-00219XLF Datasheet
140Kb / 1P
   DUAL PCB CONNECTOR-48V MicroTCA-MALE PIP- version
logo
Advantech Co., Ltd.
UTCA-5503 ADVANTECH-UTCA-5503 Datasheet
166Kb / 2P
   MicroTCA??Carrier Hub: Layer 2 GbE switch with MCMC
logo
Tyco Electronics
1888654-2 MACOM-1888654-2 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com