Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6-2C-2E-4LL-00 Datasheet(PDF) 7 Page - Emerson Network Power

Part # MP6-2C-2E-4LL-00
Description  Current share on all outputs with ratings of 10 A or greater
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MP6-2C-2E-4LL-00 Datasheet(HTML) 7 Page - Emerson Network Power

  MP6-2C-2E-4LL-00 Datasheet HTML 1Page - Emerson Network Power MP6-2C-2E-4LL-00 Datasheet HTML 2Page - Emerson Network Power MP6-2C-2E-4LL-00 Datasheet HTML 3Page - Emerson Network Power MP6-2C-2E-4LL-00 Datasheet HTML 4Page - Emerson Network Power MP6-2C-2E-4LL-00 Datasheet HTML 5Page - Emerson Network Power MP6-2C-2E-4LL-00 Datasheet HTML 6Page - Emerson Network Power MP6-2C-2E-4LL-00 Datasheet HTML 7Page - Emerson Network Power MP6-2C-2E-4LL-00 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
142
Drawings
59.5
2.34
60.5
2.38
D
OUTPUT MODULE AREA
M4 MOUNTING HOLES
(4X)
171.45
6.75
19.05
0.7
14.0
0.55
14.7
0.58
38.10
1.5
AC INPUT
S
L
O
T
6
S
L
O
T
5
S
L
O
T
4
S
L
O
T
3
S
L
O
T
2
S
L
O
T
1
31.8
1.25
35.0
1.38
19.05
0.75
171.45
6.75
29.05
1.1
171.45
6.75
12.70
0.5
M4 MOUNTING HOLES
#8-32 MOUNTING HOLES
MARKED "A" (4X)
"A"
"A"
"A"
"A"
"B"
"B"
MARKED "B" (4X)
"B"
"B"
152.40
6.0
12.70
0.5
254
10.0
177.8
7.0
63.5
2.5
63.5
2.5
177.8
7.0
254
10.0
Standard Airflow
2
1
MP Series
MP8 (800/1000 Watts Max)
7
7--IIn
ncch
h C
Ca
asse
e S
Siizze
e:: MP8: 2.5” x 7” x 10” (63.5mm x 177.8mm x 254mm)
W
We
eiig
gh
htt:: MP8 Case: 4.1 lbs. 36 W Triple: 0.5 lb. 210 W Single: 0.6 lb. 360
W Single: 1.0 lb. 600 W Single: 2.0 lbs. 144 W Dual: 0.6 lb.
Notes
1. Input: Barrier type. Three No. 6-32 B.H. screws (0.375” centers). Max torque: 6 in-lbs. (0.67 N-m).
2. Control connectors: (J1 and J2) 10 position housing, gold plated contacts. Mates with Molex 90142-0010 housing with 90119-2110 crimp contacts
(Molex C - Grid III Series) or AMP Model number 87977-3 with 87309-8 pins. Connector kit includes mating connector and 10 pins,
Astec part #70-841-004.
3. Chassis material: aluminum with chemical film coating (conductive).
4. All dimensions are in millimeters and inches, and are typical.
5. Customer mounting -3 sides M4, bottom also includes 8-32 mounting holes. Max. penetration is 0.150” (3.8mm). Max. torque: 5in-lbs.
6. Output module connections: All single O/P modules are M4 x 8mm screws. Max. torque: 10in-lbs.
Dual O/P module is M3 x 8mm screws. Max. torque: 5 in-lbs.
Triple O/P module is .045” square pins on .156 centers. Mates with Molex 09-50-8063 or equivalent.


Similar Part No. - MP6-2C-2E-4LL-00

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
MP6-2C-2E-4LL-00 ASTEC-MP6-2C-2E-4LL-00 Datasheet
411Kb / 8P
   400-1200 Watts
More results

Similar Description - MP6-2C-2E-4LL-00

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
logo
JMK Inc.
AA-0440-6 JMK-AA-0440-6 Datasheet
200Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-3 JMK-FF-0440-3 Datasheet
270Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-10 JMK-FF-0440-10 Datasheet
228Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-3 JMK-AA-0440-3 Datasheet
237Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-8 JMK-AA-0440-8 Datasheet
198Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-6 JMK-FF-0440-6 Datasheet
230Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
AA-0440-10 JMK-AA-0440-10 Datasheet
203Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-8 JMK-FF-0440-8 Datasheet
267Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com