Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHR4200 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLHR4200
Description  High Efficiency LED, 3 mm Tinted Undiffused Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR4200 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLHR4200 Datasheet HTML 1Page - Vishay Siliconix TLHR4200 Datasheet HTML 2Page - Vishay Siliconix TLHR4200 Datasheet HTML 3Page - Vishay Siliconix TLHR4200 Datasheet HTML 4Page - Vishay Siliconix TLHR4200 Datasheet HTML 5Page - Vishay Siliconix TLHR4200 Datasheet HTML 6Page - Vishay Siliconix TLHR4200 Datasheet HTML 7Page - Vishay Siliconix TLHR4200 Datasheet HTML 8Page - Vishay Siliconix TLHR4200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLH.42..
Vishay Telefunken
5 (10)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83005
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10321
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
High Efficiency Red
Figure 7 Rel. Lumin. Intensity vs.
Forw. Current/Duty Cycle
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 10029
High Efficiency Red
Figure 8 Relative Luminous Intensity vs. Forward Current
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
l – Wavelength ( nm )
1.0
High Efficiency Red
Figure 9 Relative Luminous Intensity vs. Wavelength
0
1
234
0.1
1
10
100
VF – Forward Voltage ( V )
5
95 9990
Soft Orange
Figure 10 Forward Current vs. Forward Voltage
0
20
406080
0
0.4
0.8
1.2
1.6
2.0
100
95 9994
Tamb – Ambient Temperature ( °C )
Soft Orange
Figure 11 Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10259
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Soft Orange
Figure 12 Rel. Lumin. Intensity vs.
Forw. Current/Duty Cycle


Similar Part No. - TLHR4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR4200 VISHAY-TLHR4200 Datasheet
313Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. 1.3, 31-Aug-04
TLHR4200 VISHAY-TLHR4200 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
TLHR4200 VISHAY-TLHR4200 Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLHR4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHGY420 VISHAY-TLHGY420 Datasheet
313Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. 1.3, 31-Aug-04
TLHO42M1N2 VISHAY-TLHO42M1N2_V01 Datasheet
107Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Undiffused Package
01-Jan-2022
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHB420 VISHAY-TLHB420 Datasheet
70Kb / 5P
   High Efficiency Blue LED, 3 mm Tinted Non.Diffused Package
Rev. A1, 04-Feb-99
TLHB440 VISHAY-TLHB440_V01 Datasheet
114Kb / 6P
   High Efficiency Blue LED, ??3 mm Tinted Diffused Package
18-Jul-08
TLHR44 VISHAY-TLHR44 Datasheet
123Kb / 11P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG440 VISHAY-TLHG440_V01 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHB420 VISHAY-TLHB420_V01 Datasheet
112Kb / 5P
   High Efficiency Blue LED, ??3 mm Tinted Non-Diffused Package
18-Jul-08
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
   High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
01-Jan-2023
TLHG44K1L2 VISHAY-TLHG44K1L2_V01 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com