Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP110-9624J Datasheet(PDF) 4 Page - Emerson Network Power

Part # NLP110-9624J
Description  Provides low voltage outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP110-9624J Datasheet(HTML) 4 Page - Emerson Network Power

  NLP110-9624J Datasheet HTML 1Page - Emerson Network Power NLP110-9624J Datasheet HTML 2Page - Emerson Network Power NLP110-9624J Datasheet HTML 3Page - Emerson Network Power NLP110-9624J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev. 02.10.09_152
NLP110 Series
4 of 4
0.23
(5.842)
6.50
(165.10)
1
T1 (REF.)
J4
J1
6.050
(153.670)
2.550
(64.770)
ALL DIMENSIONS IN INCHES (mm)
J2
J3
1
1
2
12
3.00
(76.20)
F1
J5
2
1
0.23
(5.842)
!
3
MAXIMUM COMPONENT HEIGHT
IS 1.26 (32.00)
Inputandoutputconnectors
Matingconnectors
AC (J1) connector type
Molex26-60-4030orequivalent.
valent.
AC (J1) mating connector type
Molex09-50-3031orequivalentwithMolex08-50-0105
orequivalentcrimpterminals.
terminals.
DC (J2) connector type
12positionMolexSpoxtype26-48
1125orequivalent.
equivalent.
DC (J2) mating connector type
MolexSpoxtype26-03-3121andcontact08-52-0113.
08-52-0113.
Sense (J3) connector type
Molex22-23-2021or equivalent.
equivalent.
Sense (J3) mating connector type
Molex22-01-3027andcontact 08-50-0113.
t08-50-0113.
Earth (J4) connector type
Male0.250quick disconnect.
ckdisconnect.
Earth (J4) mating connector type
pe
Molex90028.
Sense (J5) connector type
Leoco 2421P02H000.
co2421P02H000.
Sense (J5) mating connector type
Leoco2420S020000andcontact 2453TPB00V1.
ntact2453TPB00V1.
2
3
4
1
Recommendeddirection
forforcedairrelativeto
power supply orientation
shownbelow.
1 Optimum.
2 Verygood.
3 Good.
4 Notrecommended.
InputPinConnections
J1
Pin1
ACNeutral
Pin2
NoConnection
Pin3
ACLine
J3
Pin1
V(A)Sense+
Pin2
V(A)Sense-
J4
Pin1
SafetyEarth
J5
Pin1
V(B)Sense+
Pin2
V(B)Sense-
Output Pin Connections
J2
Single
Triple
Pin1
NoConnection
V(B)
Pin2
NoConnection
V(B)
Pin3
NoConnection
V(B)
Pin4
Return
Return
Pin5
Return
Return
Pin6
Return
Return
Pin7
Return
Return
Pin8
V(A)
V(A)
Pin9
V(A)
V(A)
Pin10
V(A)
V(A)
Pin11
NoConnection
V(C)
Pin12
NoConnection
V(C)Return(7
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
PowerSwitching&Controls
Precision Cooling
Racks&IntegratedCabinets
Services
Surge Protection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower


Similar Part No. - NLP110-9624J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP110-9624J EMERSON-NETWORKPOWER-NLP110-9624J Datasheet
254Kb / 4P
   110 W ac-dc open frame power supply
More results

Similar Description - NLP110-9624J

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
   of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
S9-X36HXX-X NEL-S9-X36HXX-X Datasheet
152Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides low phase noise CMOS output
logo
Unisonic Technologies
L1803G-SH2-R UTC-L1803G-SH2-R Datasheet
217Kb / 6P
   Programmable soft-start provides linear voltage startup
logo
Bruckewell Technology L...
MSQ7434N BWTECH-MSQ7434N Datasheet
638Kb / 3P
   Low rDS(on) provides higher efficiency and
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
   Low profi le provides compatibility with DIPs
logo
STMicroelectronics
STEVAL-IME012V1 STMICROELECTRONICS-STEVAL-IME012V1 Datasheet
263Kb / 4P
   4-channel outputs: high voltage and low voltage BNC connectors
May 2016 Rev 2
STEVAL-IME011V1 STMICROELECTRONICS-STEVAL-IME011V1 Datasheet
278Kb / 4P
   4-channel outputs: high voltage and low voltage BNC connectors
August 2015 Rev 1
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
ON Semiconductor
MC33765 ONSEMI-MC33765 Datasheet
287Kb / 16P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
April, 2000 ??Rev. 2
logo
Fairchild Semiconductor
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com