Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHR4201 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TLHR4201
Description  High Efficiency LED, 3 mm Tinted Undiffused Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR4201 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TLHR4201 Datasheet HTML 2Page - Vishay Siliconix TLHR4201 Datasheet HTML 3Page - Vishay Siliconix TLHR4201 Datasheet HTML 4Page - Vishay Siliconix TLHR4201 Datasheet HTML 5Page - Vishay Siliconix TLHR4201 Datasheet HTML 6Page - Vishay Siliconix TLHR4201 Datasheet HTML 7Page - Vishay Siliconix TLHR4201 Datasheet HTML 8Page - Vishay Siliconix TLHR4201 Datasheet HTML 9Page - Vishay Siliconix TLHR4201 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TLH.42..
Vishay Telefunken
10 (10)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83005
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating
systems with respect to their impact on the health and safety of our employees and the public, as well as their
impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as
ozone depleting substances ( ODSs ).
The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and
forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban
on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of
ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively
2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency ( EPA ) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each customer application
by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the
buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or
indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423


Similar Part No. - TLHR4201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR4201 VISHAY-TLHR4201 Datasheet
313Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. 1.3, 31-Aug-04
TLHR4201 VISHAY-TLHR4201 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
TLHR4201 VISHAY-TLHR4201 Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHR4201-AS12Z VISHAY-TLHR4201-AS12Z Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
More results

Similar Description - TLHR4201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHGY420 VISHAY-TLHGY420 Datasheet
313Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. 1.3, 31-Aug-04
TLHO42M1N2 VISHAY-TLHO42M1N2_V01 Datasheet
107Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Undiffused Package
01-Jan-2022
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHB420 VISHAY-TLHB420 Datasheet
70Kb / 5P
   High Efficiency Blue LED, 3 mm Tinted Non.Diffused Package
Rev. A1, 04-Feb-99
TLHB440 VISHAY-TLHB440_V01 Datasheet
114Kb / 6P
   High Efficiency Blue LED, ??3 mm Tinted Diffused Package
18-Jul-08
TLHR44 VISHAY-TLHR44 Datasheet
123Kb / 11P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG440 VISHAY-TLHG440_V01 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHB420 VISHAY-TLHB420_V01 Datasheet
112Kb / 5P
   High Efficiency Blue LED, ??3 mm Tinted Non-Diffused Package
18-Jul-08
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
   High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
01-Jan-2023
TLHG44K1L2 VISHAY-TLHG44K1L2_V01 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com