Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHR4401 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHR4401
Description  High Efficiency LED in 3 mm Tinted Diffused Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR4401 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHR4401 Datasheet HTML 1Page - Vishay Siliconix TLHR4401 Datasheet HTML 2Page - Vishay Siliconix TLHR4401 Datasheet HTML 3Page - Vishay Siliconix TLHR4401 Datasheet HTML 4Page - Vishay Siliconix TLHR4401 Datasheet HTML 5Page - Vishay Siliconix TLHR4401 Datasheet HTML 6Page - Vishay Siliconix TLHR4401 Datasheet HTML 7Page - Vishay Siliconix TLHR4401 Datasheet HTML 8Page - Vishay Siliconix TLHR4401 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLH.44..
Vishay Telefunken
3 (11)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83006
Yellow (TLHY44.. )
Parameter
Test Conditions
Type
Symbol Min
Typ
Max
Unit
TLHY4400
IV
1.6
3
mcd
Luminous intensity
IF = 10 mA, IVmin/IVmax ≥ 0.5
TLHY4401
IV
2.5
5
mcd
y
F
Vmin Vmax
TLHY4405
IV
6.3
10
mcd
Dominant wavelength
IF = 10 mA
ld
581
594
nm
Peak wavelength
IF = 10 mA
lp
585
nm
Angle of half intensity
IF = 10 mA
ϕ
±30
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Green (TLHG44.. )
Parameter
Test Conditions
Type
Symbol Min
Typ
Max
Unit
TLHG4400
IV
2.5
4
mcd
Luminous intensity
IF = 10 mA, IVmin/IVmax ≥ 0.5
TLHG4401
IV
4
6
mcd
y
F
Vmin Vmax
TLHG4405
IV
6.3
12
mcd
Dominant wavelength
IF = 10 mA
ld
562
575
nm
Peak wavelength
IF = 10 mA
lp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
±30
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Pure green (TLHP44.. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
TLHP4400
IV
0.63
2
mcd
Luminous intensity
IF = 10 mA, IVmin/IVmax ≥ 0.5
TLHP4401
IV
1
3
mcd
y
F
Vmin Vmax
TLHP4405
IV
1.6
3.5
mcd
Dominant wavelength
IF = 10 mA
ld
555
565
nm
Peak wavelength
IF = 10 mA
lp
555
nm
Angle of half intensity
IF = 10 mA
ϕ
±30
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF


Similar Part No. - TLHR4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR4401 VISHAY-TLHR4401 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHR4401 VISHAY-TLHR4401 Datasheet
208Kb / 11P
   Suitable for DC and high peak current
Rev. 3.1, 24-Mar-15
TLHR4401 VISHAY-TLHR4401 Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHR4401-AS12Z VISHAY-TLHR4401-AS12Z Datasheet
208Kb / 11P
   Suitable for DC and high peak current
Rev. 3.1, 24-Mar-15
TLHR4401-AS12Z VISHAY-TLHR4401-AS12Z Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLHR4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHG440 VISHAY-TLHG440_V01 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHG44K1L2 VISHAY-TLHG44K1L2_V01 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2022
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHY44K1L2 VISHAY-TLHY44K1L2_V01 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHG44K1M2 VISHAY-TLHG44K1M2_V01 Datasheet
111Kb / 5P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHR54 VISHAY-TLHR54 Datasheet
129Kb / 9P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG420 VISHAY-TLHG420_V01 Datasheet
215Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com