Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-1218 Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part # SPA-1218
Description  1960 MHz 1 Watt Power Amplifier with Active Bias
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPA-1218 Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  SPA-1218 Datasheet HTML 1Page - SIRENZA MICRODEVICES SPA-1218 Datasheet HTML 2Page - SIRENZA MICRODEVICES SPA-1218 Datasheet HTML 3Page - SIRENZA MICRODEVICES SPA-1218 Datasheet HTML 4Page - SIRENZA MICRODEVICES SPA-1218 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Phone: (800) SMI-MMIC
http://www.sirenza.com
303 S. Technology Ct., Broomfield, CO 80021
5
EDS-101428 Rev G
SPA-1218 1960 MHz 1 Watt Power Amp.
r
e
b
m
u
N
t
r
a
Pl
e
e
R
r
e
P
s
e
c
i
v
e
De
z
i
S
l
e
e
R
8
1
2
1
-
A
P
S0
0
5"
7
Part Number Ordering Information
Recommended Land Pattern
Note: DIMENSIONS ARE IN INCHES [MM]
DETAIL A
.061 [1.549]
.155 [3.937]
.025
.013 [.33] x 45°
.008
.003 [.076]
SEATING PLANE
BOTTOM VIEW
.058 [1.473]
TOP VIEW
SIDE VIEW
END VIEW
PARTING LINE
.008 [.203]
.194 [4.93]
.016 [.406]
.050 [1.27]
.194 [4.928]
SEE DETAIL A
EXPOSED PAD
.045 [1.143]
.035 [.889]
.236 [5.994] .155 [3.937]
13
24
87
6
5
Beveled Edge
Package Outline Drawing
(See SMDI MPO-101644 for tolerances, available on our website)
0.020 [0.51]
0.140 [3.56]
0.080 [2.03]
0.050 [1.27]
0.150 [3.81]
0.300 [7.62]
Plated-Thru Holes
(0.015" Dia, 0.030" Pitch)
Machine
Screws
Lot ID
SPA
1218


Similar Part No. - SPA-1218

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
More results

Similar Description - SPA-1218

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com