Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-1426Z-EVB3 Datasheet(PDF) 7 Page - RF Micro Devices

Part # SPA-1426Z-EVB3
Description  0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA-1426Z-EVB3 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button SPA-1426Z-EVB3 Datasheet HTML 3Page - RF Micro Devices SPA-1426Z-EVB3 Datasheet HTML 4Page - RF Micro Devices SPA-1426Z-EVB3 Datasheet HTML 5Page - RF Micro Devices SPA-1426Z-EVB3 Datasheet HTML 6Page - RF Micro Devices SPA-1426Z-EVB3 Datasheet HTML 7Page - RF Micro Devices SPA-1426Z-EVB3 Datasheet HTML 8Page - RF Micro Devices SPA-1426Z-EVB3 Datasheet HTML 9Page - RF Micro Devices SPA-1426Z-EVB3 Datasheet HTML 10Page - RF Micro Devices SPA-1426Z-EVB3 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7 of 14
SPA-1426Z
Preliminary
EDS-105883 Rev B
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical RF Performance 2110MHz to 2170 MHz Application Circuit
ACP versus Channel Power Out
2140MHz, W-CDMA, 5V
-80
-75
-70
-65
-60
-55
-50
-45
-40
8
10
1214
161820
22
Channel Power Out (dBm)
-40°C
25°C
85°C
Source
Source ACPR
3GPP 3.5, 64 DPCH, Peak/Avg=11dB
ACP versus Channel Power Out
W-CDMA, 5V, 25°C
-80
-75
-70
-65
-60
-55
-50
-45
-40
8
101214
16182022
Channel Power Out (dBm)
2110MHz
2140MHz
2170MHz
Source
Source ACPR
3GPP 3.5, 64 DPCH, Peak/Avg=11dB
P1dB versus Frequency
25
26
27
28
29
30
31
32
33
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
-40°C
25°C
85°C
OIP3 versus Frequency
35
37
39
41
43
45
47
49
51
53
55
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
-40°C
25°C
85°C
Noise Figure at 25°C
4.0
4.5
5.0
5.5
6.0
6.5
7.0
2110
2120
2130
2140
2150
2160
2170
(MHz)
V-Detect versus Output Power
at 2140MHz
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
6
9
12
15
18
21
24
27
30
33
Power Out (dBm)
-40°C
25°C
85°C


Similar Part No. - SPA-1426Z-EVB3

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
SPA-1001-25 PDI-SPA-1001-25 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1001-27 PDI-SPA-1001-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1002-27 PDI-SPA-1002-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1118Z SIRENZA-SPA-1118Z Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-1426Z-EVB3

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
   0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
Mimix Broadband
XP1053-SD MIMIX-XP1053-SD Datasheet
277Kb / 8P
   1W, High Linearity InGaP HBT Amplifier
XP1066-SD MIMIX-XP1066-SD Datasheet
244Kb / 7P
   1W, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH225-S8G TRIQUINT-AH225-S8G_15 Datasheet
1Mb / 21P
   1W High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier 50MHz to 850MHz
logo
Eudyna Devices Inc
P02221B2P EUDYNA-P02221B2P Datasheet
288Kb / 6P
   500mW InGaP HBT Amplifier
logo
RF Micro Devices
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com