Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHP4900 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHP4900
Description  High Efficiency LED in 3 mm Clear Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHP4900 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHP4900 Datasheet HTML 1Page - Vishay Siliconix TLHP4900 Datasheet HTML 2Page - Vishay Siliconix TLHP4900 Datasheet HTML 3Page - Vishay Siliconix TLHP4900 Datasheet HTML 4Page - Vishay Siliconix TLHP4900 Datasheet HTML 5Page - Vishay Siliconix TLHP4900 Datasheet HTML 6Page - Vishay Siliconix TLHP4900 Datasheet HTML 7Page - Vishay Siliconix TLHP4900 Datasheet HTML 8Page - Vishay Siliconix TLHP4900 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLH.4900
Vishay Telefunken
2 (10)
Rev. A2, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83009
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLHR4900 ,TLHO4900 ,TLHY4900 ,TLHG4900 ,TLHP4900
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
DC forward current
Tamb ≤ 60°C
IF
30
mA
Surge forward current
tp ≤ 10 ms
IFSM
1
A
Power dissipation
Tamb ≤ 60°C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–20 to +100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
400
K/W
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
High efficiency red (TLHR4900 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 10 mA, IVmin/IVmax ≥ 0.5
IV
6.3
13
mcd
Dominant wavelength
IF = 10 mA
ld
612
625
nm
Peak wavelength
IF = 10 mA
lp
635
nm
Angle of half intensity
IF = 10 mA
ϕ
±16
deg
Forward voltage
IF = 20 mA
VF
2
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Soft orange (TLHO4900 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 10 mA, IVmin/IVmax ≥ 0.5
IV
10
26
mcd
Dominant wavelength
IF = 10 mA
ld
598
611
nm
Peak wavelength
IF = 10 mA
lp
605
nm
Angle of half intensity
IF = 10 mA
ϕ
±16
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF


Similar Part No. - TLHP4900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHP4900 VISHAY-TLHP4900 Datasheet
325Kb / 11P
   High Efficiency LED in ∅ 3 mm Clear Package
Rev. 1.5, 31-Aug-04
More results

Similar Description - TLHP4900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG4900 VISHAY-TLHG4900 Datasheet
325Kb / 11P
   High Efficiency LED in ∅ 3 mm Clear Package
Rev. 1.5, 31-Aug-04
TLHG4900 VISHAY-TLHG4900_V01 Datasheet
123Kb / 7P
   High Efficiency LED in 횠 3 mm Clear Package
01-Jan-2022
TLHY4900 VISHAY-TLHY4900_V02 Datasheet
123Kb / 7P
   High Efficiency LED in Ø 3 mm Clear Package
01-Jan-2023
TLHF4900 VISHAY-TLHF4900 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A2, 04-Feb-99
TLHE4900 VISHAY-TLHE4900_04 Datasheet
170Kb / 6P
   High Intensity LED in ∅ 3 mm Clear Package
Rev. 1.5, 30-Aug-04
TLHE4900 VISHAY-TLHE4900 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A2, 04-Feb-99
TLDR4900 VISHAY-TLDR4900 Datasheet
74Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A1, 04-Feb-99
TLHE4900 VISHAY-TLHE4900_V01 Datasheet
111Kb / 5P
   High Intensity LED in ??3 mm Clear Package
18-Jul-08
TLHK4900 VISHAY-TLHK4900 Datasheet
70Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A2, 04-Feb-99
TLHK4900 VISHAY-TLHK4900_V01 Datasheet
111Kb / 5P
   High Intensity LED in ??3 mm Clear Package
18-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com