Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLLR440 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLLR440
Description  Low Current LED in 짰3 mm Tinted Diffused Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLR440 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLLR440 Datasheet HTML 1Page - Vishay Siliconix TLLR440 Datasheet HTML 2Page - Vishay Siliconix TLLR440 Datasheet HTML 3Page - Vishay Siliconix TLLR440 Datasheet HTML 4Page - Vishay Siliconix TLLR440 Datasheet HTML 5Page - Vishay Siliconix TLLR440 Datasheet HTML 6Page - Vishay Siliconix TLLR440 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLL.440.
Vishay Telefunken
4 (7)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83029
0
95 10051
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
High Efficiency Red
IF=2mA
0
0.4
0.8
1.2
1.6
2.0
Figure 5 Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
96 11490
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
High Efficiency Red
Figure 6 Rel. Lumin. Intensity vs.
Forw. Current/Duty Cycle
0.1
1
10
0.01
0.1
1
10
100
100
95 10061
IF – Forward Current ( mA )
High Efficiency Red
Figure 7 Relative Luminous Intensity vs. Forward Current
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
l – Wavelength ( nm )
1.0
High Efficiency Red
Figure 8 Relative Luminous Intensity vs. Wavelength
0
1
234
0.1
1
10
100
VF – Forward Voltage ( V )
5
95 10053
Yellow
tp/T=0.001
tp=10ms
Figure 9 Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
2.0
0
95 10054
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
Yellow
Figure 10 Rel. Luminous Intensity vs.
Ambient Temperature


Similar Part No. - TLLR440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLR440 VISHAY-TLLR440 Datasheet
198Kb / 9P
   Low Current LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLLR440. VISHAY-TLLR440. Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLLR440. VISHAY-TLLR440. Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLLR4400 VISHAY-TLLR4400 Datasheet
1,004Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
Rev. 1.8, 24-Apr-13
TLLR4400 VISHAY-TLLR4400 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLLR440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TLL540 STMICROELECTRONICS-TLL540 Datasheet
97Kb / 7P
   Low Current LED in 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLLR540 VISHAY-TLLR540 Datasheet
94Kb / 7P
   Low Current LED in 짰5 mm Tinted Diffused Package
Rev. A2, 04-Feb-99
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
Rev. 1.8, 24-Apr-13
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLL440 VISHAY-TLL440 Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
   Low Current LED in Ø 5 mm Tinted Diffused Package
Rev. 1.7, 29-Apr-13
TLLG440 VISHAY-TLLG440_V01 Datasheet
198Kb / 9P
   Low Current LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLLG540 VISHAY-TLLG540_V01 Datasheet
117Kb / 7P
   Low Current LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
   Universal LED in 3 mm Tinted Diffused Package
Rev. 1.7, 14-Jun-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com