Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-1526Z-EVB1 Datasheet(PDF) 10 Page - RF Micro Devices

Part # SPA-1526Z-EVB1
Description  0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA-1526Z-EVB1 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button SPA-1526Z-EVB1 Datasheet HTML 6Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 7Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 8Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 9Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 10Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 11Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 12Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 13Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
SPA-1526Z
Preliminary
EDS-105847 Rev D
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Layout and Bill of Materials
1930MHz to 1990MHz Application Circuit (VCC and VPC=5.0V)
Bill of Materials
Q1
SPA-1526Z
R1
825ohm 1%
R2
4.32K ohm 1%
R3
47k ohm
C1
TAJA106K020R
10.0uF
C2
MCH185CN104KK 0.1uF
C3
06035J100GBT
10pF AVX
C4
06035J100GBT
10pF AVX
C5
06035J100GBT
10pF AVX
C6
06035J3R9BBT
3.9pF AVX
C7
06035J3R0BBT
3.0pF AVX
L1
0805HQ-20NX_BC 20nH Coil Craft
PCB
125871
R2
C6
R3
C3
125871
SOF-26
Output
Input
Vdet
Vpc
C1
0.165
Q


Similar Part No. - SPA-1526Z-EVB1

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
SPA-1001-25 PDI-SPA-1001-25 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1001-27 PDI-SPA-1001-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1002-27 PDI-SPA-1002-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1118Z SIRENZA-SPA-1118Z Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-1526Z-EVB1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPA-1426Z RFMD-SPA-1426Z Datasheet
517Kb / 14P
   0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
RF Micro Devices
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier 50MHz to 850MHz
logo
Eudyna Devices Inc
P02221B2P EUDYNA-P02221B2P Datasheet
288Kb / 6P
   500mW InGaP HBT Amplifier
logo
RF Micro Devices
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com