Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-1526Z-EVB1 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SPA-1526Z-EVB1
Description  0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA-1526Z-EVB1 Datasheet(HTML) 2 Page - RF Micro Devices

  SPA-1526Z-EVB1 Datasheet HTML 1Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 2Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 3Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 4Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 5Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 6Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 7Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 8Page - RF Micro Devices SPA-1526Z-EVB1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
SPA-1526Z
Preliminary
EDS-105847 Rev D
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Simplified Device Schematic
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (lCE)1500
mA
*Max Device Voltage (VCC)6.0
V
Power Dissipation
6
W
Max CW Input Power
50
Ω output load
33
dBm
10:1VSWR output load
21
dBm
**Max Modulated (W-CDMA) Input
Power
50
Ω output load
26
dBm
10:1VSWR output load
18
dBm
Max RF Output Power with 50
Ω
output load (Continuous long
term operation)
30
dBm
Max Junction Temperature (TJ)150
°C
Operating Temperature Range (TL)
-40 to + 85
°C
Max Storage Temperature
150
°C
ESD Rating - Human Body Model
(HBM)
Class 1C
Moisture Sensitivity Level
MSL 1
*No RF Drive
**W-CDMA, 64 DPCH, 1 CH Forward
Operation of this device beyond any one of these limits may cause permanent
damage. For reliable continuous operation, the device voltage and current
must not exceed the maximum operating values specified in the table on
page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, J-l and TL=TLEAD
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
1
2
3
4
GND
5
6
GND
VDET
RF OUT / VCC
NC
VBias
RF IN
VPC
Bias


Similar Part No. - SPA-1526Z-EVB1

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
SPA-1001-25 PDI-SPA-1001-25 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1001-27 PDI-SPA-1001-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1002-27 PDI-SPA-1002-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1118Z SIRENZA-SPA-1118Z Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-1526Z-EVB1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPA-1426Z RFMD-SPA-1426Z Datasheet
517Kb / 14P
   0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
RF Micro Devices
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier 50MHz to 850MHz
logo
Eudyna Devices Inc
P02221B2P EUDYNA-P02221B2P Datasheet
288Kb / 6P
   500mW InGaP HBT Amplifier
logo
RF Micro Devices
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com