Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-1526Z-EVB3 Datasheet(PDF) 3 Page - RF Micro Devices

Part # SPA-1526Z-EVB3
Description  0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA-1526Z-EVB3 Datasheet(HTML) 3 Page - RF Micro Devices

  SPA-1526Z-EVB3 Datasheet HTML 1Page - RF Micro Devices SPA-1526Z-EVB3 Datasheet HTML 2Page - RF Micro Devices SPA-1526Z-EVB3 Datasheet HTML 3Page - RF Micro Devices SPA-1526Z-EVB3 Datasheet HTML 4Page - RF Micro Devices SPA-1526Z-EVB3 Datasheet HTML 5Page - RF Micro Devices SPA-1526Z-EVB3 Datasheet HTML 6Page - RF Micro Devices SPA-1526Z-EVB3 Datasheet HTML 7Page - RF Micro Devices SPA-1526Z-EVB3 Datasheet HTML 8Page - RF Micro Devices SPA-1526Z-EVB3 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
SPA-1526Z
Preliminary
EDS-105847 Rev D
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical RF Performance 850MHz to 910MHz Application Circuit
ACP versus Channel Power, 880MHz, WCDMA
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
Channel Power Out (dBm)
-40°C
25°C
85°C
Source
3GPP 3.5, 64 DPCH, Peak/Avg.=11dB
Source ACPR
ACP versus Channel Power, 880MHz, IS-95
-90.0
-85.0
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
Channel Power Out (dBm)
-40°C
25°C
85°C
Source
Source ACPR
IS-95A 9 Ch Fwd, Peak/Avg=9.1dB
ACP versus Channel Power, W-CDMA, 25°C
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
Channel Power Out (dBm)
2.11GHz
2.14GHz
2.17GHz
System
Source ACPR
3GPP 3.5, 64 DPCH, Peak/Avg.=11dB
ACP versus Channel Power, IS-95, 25°C
-90.0
-85.0
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
13.0
15.0
17.0
19.0
21.0
23.0
25.0
27.0
Channel Power Out (dBm)
.85Ghz
.88Ghz
.91GHz
Source
Source ACPR
IS-95A 9 Ch Fwd, Peak/Avg=9.1dB
P1dB versus Frequency
27.0
28.0
29.0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
0.85
0.86
0.87
0.88
0.89
0.90
0.91
Frequency (GHz)
-40°C
25°C
85°C
OIP3 versus Frequency, 22dBm/Tone
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
50.0
0.85
0.86
0.87
0.88
0.89
0.90
0.91
Frequency (GHz)
-40°C
25°C
85°C


Similar Part No. - SPA-1526Z-EVB3

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
SPA-1001-25 PDI-SPA-1001-25 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1001-27 PDI-SPA-1001-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1002-27 PDI-SPA-1002-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1118Z SIRENZA-SPA-1118Z Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-1526Z-EVB3

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPA-1426Z RFMD-SPA-1426Z Datasheet
517Kb / 14P
   0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
RF Micro Devices
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier 50MHz to 850MHz
logo
Eudyna Devices Inc
P02221B2P EUDYNA-P02221B2P Datasheet
288Kb / 6P
   500mW InGaP HBT Amplifier
logo
RF Micro Devices
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com