Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1384 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1384
Description  5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1384 Datasheet(HTML) 5 Page - Linear Technology

  LTC1384 Datasheet HTML 1Page - Linear Technology LTC1384 Datasheet HTML 2Page - Linear Technology LTC1384 Datasheet HTML 3Page - Linear Technology LTC1384 Datasheet HTML 4Page - Linear Technology LTC1384 Datasheet HTML 5Page - Linear Technology LTC1384 Datasheet HTML 6Page - Linear Technology LTC1384 Datasheet HTML 7Page - Linear Technology LTC1384 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1384
1384fa
VCC: 5V Input Supply Pin. This pin should be decoupled
with a 0.1µF ceramic capacitor.
GND: Ground Pin.
ON/OFF: TTL/CMOS Compatible Shutdown Pin. A logic
low puts the device in the Shutdown mode independent of
the RX EN pin. The supply current of the device drops to
35µA (two receivers alive) and both driver outputs are
forced into three-state.
RX EN: TTL/CMOS Compatible Receiver Enable Pin. A
logic high forces the receiver outputs into three-state. A
logic low enables the receiver outputs.
V+: Positive Supply Output (RS232 Drivers). V+ ≅ 2VCC
2V. This pin requires an external capacitor C = 0.1µF for
charge storage. The capacitor may be tied to ground or
VCC. With multiple devices, the V + and V pins may share
a common capacitor. For large numbers of devices, in-
creasing the size of the shared common storage capaci-
tors is recommended to reduce ripple.
V: Negative Supply Output (RS232 Drivers). V ≅ – (2VCC
– 2V). This pin requires an external capacitor C = 0.1µF for
charge storage.
Figure 1. Driver Propagation Delay Timing
Figure 2. Receiver Propagation Delay Timing
1.4V
0V
VCC
0V
V+
V
0V
DRIVER
INPUT
DRIVER
OUTPUT
1.4V
tHLD
tLHD
LTC1384 • F01
0.8V
VCC
0V
2.4V
RX
INPUT
RX
OUTPUT
1.3V
tHLR
1.7V
tLHR
LTC1384 • F02
VCC
0V
SWITCHI G TI E WAVEFOR S
C1+, C1, C2+, C2 : Commutating Capacitor Inputs. These
pins require two external capacitors C = 0.1µF: one from
C1+ to C1and another from C2+ to C2 . To maintain
charge pump efficiency, the capacitor’s effective series
resistance should be less than 2Ω.
TR IN: RS232 Driver Input Pins. Inputs are TTL/CMOS
compatible. The inputs of unused drivers can be left
unconnected since 300k input pull-up resistors to VCC are
included on chip. To minimize power consumption, the
internal driver pull-up resistors are disconnected from VCC
in the Shutdown mode.
TR OUT: Driver Outputs at RS232 Voltage Levels. Outputs
are in a high impedance state when in the Shutdown or VCC
= 0V. The driver outputs are protected against ESD to
±10kV for human body model discharges.
RX IN: Receiver Inputs. These pins can be forced to ±25V
without damage. The receiver inputs are protected against
ESD to ±10kV for human body model discharges. Each
receiver provides 0.4V of hysteresis for noise immunity.
RX OUT: Receiver Outputs with TTL/CMOS Voltage Lev-
els. A logic high at RX EN puts the outputs into three-state.
PI FU CTIO S


Similar Part No. - LTC1384

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384 Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384 Datasheet
126Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384CG LINER-LTC1384CG Datasheet
217Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384CG LINER-LTC1384CG Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
More results

Similar Description - LTC1384

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
LTC1349 LINER-LTC1349_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1349 LINER-LTC1349_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com