Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1706-82 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1706-82
Description  VID Voltage Programmer for Intel VRM9.0/9.1
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1706-82 Datasheet(HTML) 4 Page - Linear Technology

  LTC1706-82 Datasheet HTML 1Page - Linear Technology LTC1706-82 Datasheet HTML 2Page - Linear Technology LTC1706-82 Datasheet HTML 3Page - Linear Technology LTC1706-82 Datasheet HTML 4Page - Linear Technology LTC1706-82 Datasheet HTML 5Page - Linear Technology LTC1706-82 Datasheet HTML 6Page - Linear Technology LTC1706-82 Datasheet HTML 7Page - Linear Technology LTC1706-82 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1706-82
4
170682fa
VID0 (Pin 1): LSB Programming Input. Low = GND,
High = VCC or Float. Grounding VID0 adds 25mV to the
output sense voltage.
VID1 (Pin 2): 4th MSB Programming Input. Low = GND,
High = VCC or Float. Grounding VID1 adds 50mV to the
output sense voltage.
VID2 (Pin 3): 3rd MSB Programming Input. Low = GND,
High = VCC or Float. Grounding VID2 adds 100mV to the
output sense voltage.
VID3 (Pin 4): 2nd MSB Programming Input. Low = GND,
High = VCC or Float. Grounding VID3 adds 200mV to the
output sense voltage.
VCC (Pin 5): Power Supply Voltage. Range from 2.7V to
5.5V.
PI FU CTIO S
SENSE (Pin 6): Regulator Output Voltage. Connect di-
rectly to regulator output sense node or VDIFFOUT when
used with the LTC1629 and LTC1929.
VID4 (Pin 7): MSB Programming Input. Low = GND,
High = VCC or Float. Grounding VID4 adds 400mV to the
output sense voltage.
NC (PIN 8): No Connect.
GND (Pin 9): Ground. Connect to regulator signal ground.
FB (Pin 10): Feedback Input. Connect to the 0.8V feedback
pin of a compatible regulator or the EAIN pin of the
LTC1629, LTC1929 and LTC3729.
PI TABLE
NOMINAL (V)
ABSOLUTE MAX (V)
PIN
NAME
DESCRIPTION
MIN
TYP
MAX
MIN
MAX
1
VID0
LSB Programmable Input
0
VCC
– 0.3
7
2
VID1
4th MSB Programmable Input
0
VCC
– 0.3
7
3
VID2
3rd MSB Programmable Input
0
VCC
– 0.3
7
4
VID3
2nd MSB Programmable Input
0
VCC
– 0.3
7
5VCC
Power Supply
2.7
5.5
– 0.3
7
6
SENSE
Regulator Output Voltage
1.075
1.85
– 0.3
7
7
VID4
MSB Programmable Input
0
VCC
– 0.3
7
8NC
9
GND
Ground
0
– 0.3
7
10
FB
0.8V Feedback Input
0
0.8
1.075
– 0.3
7


Similar Part No. - LTC1706-82

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
More results

Similar Description - LTC1706-82

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-63 LINER-LTC1706-63_15 Datasheet
174Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
LTC1706-81 LINER-LTC1706-81 Datasheet
148Kb / 8P
   5-Bit Desktop VID Voltage Programmer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com